Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G517AL2RB1D Datasheet(PDF) 13 Page - Global Mixed-mode Technology Inc

Part # G517AL2RB1D
Description  Power Distribution Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G517AL2RB1D Datasheet(HTML) 13 Page - Global Mixed-mode Technology Inc

Back Button G517AL2RB1D Datasheet HTML 9Page - Global Mixed-mode Technology Inc G517AL2RB1D Datasheet HTML 10Page - Global Mixed-mode Technology Inc G517AL2RB1D Datasheet HTML 11Page - Global Mixed-mode Technology Inc G517AL2RB1D Datasheet HTML 12Page - Global Mixed-mode Technology Inc G517AL2RB1D Datasheet HTML 13Page - Global Mixed-mode Technology Inc G517AL2RB1D Datasheet HTML 14Page - Global Mixed-mode Technology Inc G517AL2RB1D Datasheet HTML 15Page - Global Mixed-mode Technology Inc G517AL2RB1D Datasheet HTML 16Page - Global Mixed-mode Technology Inc G517AL2RB1D Datasheet HTML 17Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Ver: 1.4
Apr 25, 2016
TEL: 886-3-5788833
http://www.gmt.com.tw
13
G517
Global Mixed-mode Technology
Typical Performance Characteristics
G517AL, VIN= 5V, CIN=1μF, COUT=1μF, TA=25°C, unless otherwise noted.)
0
20
40
60
80
100
120
140
160
180
200
3
3.5
4
4.5
5
5.5
Input Voltage(V)
TA=-45℃
TA=25℃
TA=85℃
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
33.5
4
4.555.5
Input Voltage(V)
TA=-45℃
TA=25℃
TA=85℃
0
0.2
0.4
0.6
0.8
1
1.2
2.533.5
4
4.555.5
Input Voltage(V)
VEN Rising
VEN Falling
0
0.2
0.4
0.6
0.8
1
1.2
-45 -35 -25 -15 -5 5 15 25354555657585
Temperature(℃)
VEN Rising
VEN Falling
0
2
4
6
8
10
12
3.54
4.55
5.5
Input Voltage(V)
OC Deassertion
OC Assertion
1.6
1.8
2
2.2
2.4
2.6
2.8
3
-40
-20
0
2040
6080
Temperature(℃)
Supply Current vs. Input Voltage
Enable Input Threshold
vs. Input Voltage
Enable Input Threshold
vs. Temperature
Shutdown Supply Current
vs. Input Voltage
UVLO Threshold vs. Temperature
OC Deglitch Time vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com