Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS8554XP Datasheet (PDF) - Jiangsu Runic Technology Co., Ltd

RS8554XP Datasheet PDF - Jiangsu Runic Technology Co., Ltd
Part # RS8554XP
Download  RS8554XP Download
File Size   1086.11 Kbytes
Page   14 Pages
Manufacturer  RUNIC [Jiangsu Runic Technology Co., Ltd]
Direct Link  https://en.run-ic.com/
Logo RUNIC - Jiangsu Runic Technology Co., Ltd
Description Zero-Drift, Rail-to-Rail I/O CMOS Operational Amplifiers

RS8554XP Datasheet (PDF)

Go To PDF Page Download Datasheet
RS8554XP Datasheet PDF - Jiangsu Runic Technology Co., Ltd

Part # RS8554XP
Download  RS8554XP Click to download

File Size   1086.11 Kbytes
Page   14 Pages
Manufacturer  RUNIC [Jiangsu Runic Technology Co., Ltd]
Direct Link  https://en.run-ic.com/
Logo RUNIC - Jiangsu Runic Technology Co., Ltd
Description Zero-Drift, Rail-to-Rail I/O CMOS Operational Amplifiers

RS8554XP Datasheet (HTML) - Jiangsu Runic Technology Co., Ltd


RS8554XP Product details

Features
 Low Offset Voltage: 1uV
 Input Offset Drift: 0.005μV/°C
 High Gain Bandwidth Product: 4.5MHz
 Rail-to-Rail Input and Output
 High Gain, CMRR, PSRR:130dB
 High Slew Rate: 2.7V/μs
 Low Noise: 0.75uVp-p (0.01~10Hz)
 Low Power Consumption: 640μA /op amp
 Overload Recovery Time:1us
 Low Supply Voltage: +2.7 V to +5.5 V
 No External Capacitors Required
 Extended Temperature: -40°C to +125°C

Applications
 Temperature Sensors
 Medical/Industrial Instrumentation
 Pressure Sensors
 Battery-Powered Instrumentation
 Active Filtering
 Weight Scale Sensor
 Strain Gage Amplifiers
 Power Converter/Inverter

Description
The RS8551,RS8552,RS8554,RS8553(dual version
&shutdown)series of CMOS operational amplifiers
use auto-zero techniques to simultaneously provide
very low offset voltage (5μV max) and near-zero drift
over time and temperature. This family of amplifiers
has ultralow noise, offset and power.
This miniature, high-precision operational amplifiers
offset high input impedance and rail-to-rail input and
rail-to-rail output swing. With high gain-bandwidth
product of 4.5MHz and slew rate of 2.7V/μs.
Single or dual supplies as low as +2.7V(±1.35V) and
up to +5.5V (±2.75V) may be used.
The RS8551/RS8552/RS8554/RS8553(dual version
with shutdown) are specified for the extended
industrial and automotive temperature range (-40°C
to 125°C). The RS8551 single amplifier is available
in 5-lead SOT23, 8-lead MSOP8 and 8-lead SOIC
packages, The RS8552 dual amplifier is available in
8-lead SOIC and 8-lead TSSOP narrow surface
mount packages, The RS8553(dual version with
shutdown) comes in Micro-SIZE MSOP-10. The
RS8554 quad is available in 14-lead SOIC and 14-
lead narrow TSSOP packages.




Similar Part No. - RS8554XP

ManufacturerPart #DatasheetDescription
logo
Reed Semiconductor Corp...
RS85A01 REED-RS85A01 Datasheet
155Kb / 2P
2.5V to 7.5V, 100A, High-Efficiency Half-Bridge Powerstage with Current and Temperature Sense in 5x6mm Package
RS85A01R REED-RS85A01R Datasheet
155Kb / 2P
2.5V to 7.5V, 100A, High-Efficiency Half-Bridge Powerstage with Current and Temperature Sense in 5x6mm Package
RS85A01T REED-RS85A01T Datasheet
155Kb / 2P
2.5V to 7.5V, 100A, High-Efficiency Half-Bridge Powerstage with Current and Temperature Sense in 5x6mm Package
RS85A10 REED-RS85A10 Datasheet
149Kb / 2P
2.5V to 7.5V, 100A, High-Efficiency Half-Bridge Powerstage with Current and Temperature Sense in 4x6mm Package
RS85A10R REED-RS85A10R Datasheet
149Kb / 2P
2.5V to 7.5V, 100A, High-Efficiency Half-Bridge Powerstage with Current and Temperature Sense in 4x6mm Package
More results


Similar Description - RS8554XP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_15 Datasheet
537Kb / 20P
Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA317-Q1 TI1-OPA317-Q1 Datasheet
994Kb / 29P
Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
Rail-to-Rail I/O CMOS Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com