Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC157D Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC157D Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC157D
Download  74HC157D Download
File Size   200.15 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 2-input multiplexer

74HC157D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC157D Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC157D
Download  74HC157D Click to download

File Size   200.15 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 2-input multiplexer

74HC157D Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC157D Product details

General description
The 74HC157; 74HCT157 is a high-speed Si-gate CMOS device and is pin compatible
with Low-power Schottky TTL. It is specified in compliance with JEDEC standard no. 7A.
The 74HC/HCT157 are quad 2-input multiplexers which select 4 bits of data from two
sources under the control of a common data select input (S). The enable input (E) is
active LOW. When E is HIGH, all of the outputs (1Y to 4Y) are forced LOW regardless of
all other input conditions.
Moving the data from two groups of registers to four common output buses is a common
use of the 74HC/HCT157. The state of the common data select input (S) determines the
particular register from which the data comes. It can also be used as function generator.
The device is useful for implementing highly irregular logic by generating any four of the
16 different functions of two variables with one variable common. The 74HC/HCT157 is
logic implementation of a 4-pole, 2-position switch, where the position of the switch is
determined by the logic levels applied to S.
The logic equations are:
1Y = E (1I1 S + 1I0 S)
2Y = E (2I1 S + 2I0 S)
3Y = E (3I1 S + 3I0 S)
4Y = E (4I1 S + 4I0 S)
The 74HC/HCT157 is identical to the 74HC158 but has non-inverting (true) outputs.
Features and benefits
 Low-power dissipation
 Complies with JEDEC standard no. 7A
 Input levels:
 For 74HC157: CMOS level
 For 74HCT157: TTL level
 Non-inverting data path
 ESD protection:
 HBM JESD22-A114F exceeds 2 000 V
 MM JESD22-A115-A exceeds 200 V
 Specified from 40 C to +85 C and from 40 C to +125 C




Similar Part No. - 74HC157D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC157D PHILIPS-74HC157D Datasheet
44Kb / 7P
Quad 2-input multiplexer
December 1990
74HC157D NXP-74HC157D Datasheet
159Kb / 18P
Quad 2-input multiplexer
Rev. 3-31 December 2010
logo
Toshiba Semiconductor
74HC157D TOSHIBA-74HC157D Datasheet
214Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2020-11-10 Rev.4.0
logo
Nexperia B.V. All right...
74HC157D NEXPERIA-74HC157D Datasheet
262Kb / 15P
Quad 2-input multiplexer
Rev. 9 - 24 July 2020
74HC157D-Q100 NEXPERIA-74HC157D-Q100 Datasheet
782Kb / 17P
Quad 2-input multiplexer
More results


Similar Description - 74HC157D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
Quad 2-input multiplexer
1998 Apr 30
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
Quad 2-Input Multiplexer
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
Quad 2-Input Multiplexer
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
Quad 2-Input Multiplexer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com