Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQV453 Datasheet (PDF) - Panasonic Semiconductor

AQV453 Datasheet PDF - Panasonic Semiconductor
Part # AQV453
Download  AQV453 Download
File Size   698.83 Kbytes
Page   14 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Normally closed DIP6-pin type Low on-resistance

AQV453 Datasheet (PDF)

Go To PDF Page Download Datasheet
AQV453 Datasheet PDF - Panasonic Semiconductor

Part # AQV453
Download  AQV453 Click to download

File Size   698.83 Kbytes
Page   14 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Normally closed DIP6-pin type Low on-resistance

AQV453 Datasheet (HTML) - Panasonic Semiconductor


AQV453 Product details

FEATURES
Load voltage: 250V/400V
1 Form B (Normally-closed) type with low onresistance
Controls low-level analog signals.
High sensitivity and low on-resistance (Typ. 5.5Ω,
AQV453)
Reinforced insulation 5,000 Vrms type also available

TYPICAL APPLICATIONS
Security equipment
High-speed inspection machines
Measuring instruments
Telephone equipment
Sensing equipment




Similar Part No. - AQV453

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQV453 NAIS-AQV453 Datasheet
56Kb / 3P
HE (High-function Economy) Type 1- Channel (Form B) Type
AQV453A NAIS-AQV453A Datasheet
56Kb / 3P
HE (High-function Economy) Type 1- Channel (Form B) Type
AQV453AX NAIS-AQV453AX Datasheet
56Kb / 3P
HE (High-function Economy) Type 1- Channel (Form B) Type
AQV453AZ NAIS-AQV453AZ Datasheet
56Kb / 3P
HE (High-function Economy) Type 1- Channel (Form B) Type
More results


Similar Description - AQV453

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQY412EH PANASONIC-AQY412EH Datasheet
81Kb / 3P
Normally closed DIP4-pin economic type with reinforced insulation Modem
AQV414 PANASONIC-AQV414 Datasheet
76Kb / 3P
Normally closed 6-pin type of 400V load voltage Measuring instruments
AQV221A PANASONIC-AQV221A Datasheet
84Kb / 4P
DIP6-pin type suited for radio frequent switching
AQV227N PANASONIC-AQV227N Datasheet
91Kb / 5P
DIP6-pin type featuring low on-resistance with 200V/400V load voltage
logo
PIC GmbH
MS-332-7 PIC-MS-332-7 Datasheet
225Kb / 2P
Normally Closed Reed Sensor
logo
IXYS Corporation
PLB171P IXYS-PLB171P Datasheet
122Kb / 5P
Single-Pole, Normally Closed
logo
C&K Components
ATS CK-COMPONENTS-ATS Datasheet
531Kb / 2P
Normally closed function
logo
Toshiba Semiconductor
TLP797GA TOSHIBA-TLP797GA Datasheet
66Kb / 4P
6 pin DIP (DIP6)
logo
IXYS Corporation
CPC1125N IXYS-CPC1125N Datasheet
137Kb / 6P
Single-Pole, Normally Closed 4-Pin SOP OptoMOS짰Relay
logo
Omron Electronics LLC
G3VM-XWR OMRON-G3VM-XWR Datasheet
1Mb / 4P
P-SON 4-pin, High-Current and Low-ON-Resistance Type
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com