Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQV453AX Datasheet (PDF) - Nais(Matsushita Electric Works)

AQV453AX Datasheet PDF - Nais(Matsushita Electric Works)
Part # AQV453AX
Download  AQV453AX Download
File Size   56.83 Kbytes
Page   3 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description HE (High-function Economy) Type 1- Channel (Form B) Type

AQV453AX Datasheet (PDF)

Go To PDF Page Download Datasheet
AQV453AX Datasheet PDF - Nais(Matsushita Electric Works)

Part # AQV453AX
Download  AQV453AX Click to download

File Size   56.83 Kbytes
Page   3 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description HE (High-function Economy) Type 1- Channel (Form B) Type

AQV453AX Datasheet (HTML) - Nais(Matsushita Electric Works)


AQV453AX Product details

HE (High-function Economy) Type  1- Channel (Form B) Type

FEATURES
1. Form B (Normally-closed) type
   Has been realized thanks to the built-in  MOSFET processed by our proprietary  method, DSD (Double-diffused and Selective Doping) method.
2. Controls low-level analog signals
   PhotoMOS relays feature extremely low  closed-circuit offset voltage to enable  control of low-level analog signals without  distortion.
3. High sensitivity, low ON resistance
   Can control a maximum 0.15 A load current with a 5 mA input current. Low ON resistance of 16 Ω (AQV454). Stable  operation because there are no metallic  contact parts.

4. Controls various types of load such  as relays, motors, lamps and solenoids.
5. Eliminates the need for a power supply to drive the power MOSFET
   A power supply used to drive the power  MOSFET is unnecessary because of the  built-in optoelectronic device. This results  in easy circuit design and small PC board  area.
6. Low thermal electromotive force  (Approx. 1 µV) (Basic insulation)
7. Reinforced insulation 5,000 V type  also available.
   More than 0.4 mm .016 inch  internal insulation distance between inputs and outputs. Conforms to IEC950 (reinforced  insulation).

TYPICAL APPLICATIONS
• Security equipment
• High-speed inspection machines
• Measuring instruments
• Telephone equipment
• Sensors




Similar Part No. - AQV453AX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQV453AX PANASONIC-AQV453AX Datasheet
698Kb / 14P
Normally closed DIP6-pin type Low on-resistance
2019.12
More results


Similar Description - AQV453AX

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQW614 NAIS-AQW614 Datasheet
55Kb / 3P
GU (General Use) Type [2-Channel (Form A Form B) Type]
AQV101 NAIS-AQV101 Datasheet
60Kb / 5P
HF (High Function) Type [1-Channel (Form A) Type]
AQV251 NAIS-AQV251 Datasheet
56Kb / 4P
HE (High-function Economy) Type [1-Channel (Form A) Type]
logo
List of Unclassifed Man...
AQW414 ETC-AQW414 Datasheet
39Kb / 2P
GU (General Use) Type [2-Channel (Form B) Type]
logo
Nais(Matsushita Electri...
AQY272 NAIS-AQY272 Datasheet
52Kb / 4P
PD Type 1- channel (Form A) Type
logo
List of Unclassifed Man...
AQZ404 ETC-AQZ404 Datasheet
73Kb / 4P
POWER PhotoMOS RELAYS 1-channel(Form B)Type
logo
Panasonic Semiconductor
AQW414EH PANASONIC-AQW414EH Datasheet
75Kb / 3P
General use and economy type. DIP (2 Form B) 8-pin type. Reinforced insulation 5,000V type.
logo
Nais(Matsushita Electri...
AQY410EH NAIS-AQY410EH Datasheet
49Kb / 3P
GU (General Use)-E Type 1-Channel (Form B) 4-pin Type
AQV234 NAIS-AQV234 Datasheet
48Kb / 3P
HS (High Sensitivity) Type [1-Channel (Form A) Type]
AQW454 NAIS-AQW454 Datasheet
48Kb / 3P
HE (High-function Economy) Type [2-Channel (Form B) Type]
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com