Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQV255AX Datasheet (PDF) - Panasonic Semiconductor

AQV255AX Datasheet PDF - Panasonic Semiconductor
Part # AQV255AX
Download  AQV255AX Download
File Size   90.4 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description High sensitivity and low on-resistance. DIP (1 Form A) 6-pin type.

AQV255AX Datasheet (PDF)

Go To PDF Page Download Datasheet
AQV255AX Datasheet PDF - Panasonic Semiconductor

Part # AQV255AX
Download  AQV255AX Click to download

File Size   90.4 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description High sensitivity and low on-resistance. DIP (1 Form A) 6-pin type.

AQV255AX Datasheet (HTML) - Panasonic Semiconductor


AQV255AX Product details

FEATURES
1. Highly sensitive and low onresistance
2. Controls various types of loads such
as relays, motors, lamps and
solenoids.
3. Optical coupling for extremely high
isolation
5,000 Vrms I/O isolation available.
4. Low-level off state leakage current
5. Eliminates the need for a power
supply to drive the power MOSFET
A power supply used to drive the power
MOSFET is unnecessary because of the
built-in optoelectronic device. This results
in easy circuit design and small PC board
area.
6. Low thermal electromotive force
(Approx. 1 µV)

TYPICAL APPLICATIONS
• High-speed inspection machines
• Telephone equipment
• Data communication equipment




Similar Part No. - AQV255AX

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQV255AX NAIS-AQV255AX Datasheet
56Kb / 4P
HE (High-function Economy) Type [1-Channel (Form A) Type]
logo
Panasonic Semiconductor
AQV255AX PANASONIC-AQV255AX Datasheet
88Kb / 4P
Both low on-resistance and good cost-performance achieved. Measuring instruments
AQV255AX PANASONIC-AQV255AX Datasheet
1,005Kb / 16P
DIP6-pin type with low on-resistance and reinforced insulation
2019.12
AQV255AX PANASONIC-AQV255AX Datasheet
149Kb / 4P
DIP6-pin type with low on-resistance and reinforced insulation
2014.06
More results


Similar Description - AQV255AX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AQV224 ETC1-AQV224 Datasheet
41Kb / 3P
RF (Radio Frequency) Type SOP Series [1-Channel (Form A) Type] Low On resistance
logo
Nais(Matsushita Electri...
AQW227N NAIS-AQW227N Datasheet
61Kb / 3P
RF (Radio Frequency) Type [2-Channel (Form A) Type] - Low On resistance-
logo
NEC
PS7341B-1B NEC-PS7341B-1B Datasheet
31Kb / 2P
6 PIN DIP LOW OUTPUT CAPACITANCE, LOW ON-STATE RESISTANCE, SOLID STATE RELAY
logo
Nais(Matsushita Electri...
AQV234 NAIS-AQV234 Datasheet
48Kb / 3P
HS (High Sensitivity) Type [1-Channel (Form A) Type]
logo
Panasonic Semiconductor
AQW654 PANASONIC-AQW654 Datasheet
74Kb / 3P
Both 1 Form A and 1 Form B contacts incorporated in a compact DIP8-pin with low on-resistance
logo
California Eastern Labs
PS7341B-1B CEL-PS7341B-1B Datasheet
34Kb / 2P
6 PIN DIP LOW OUTPUT CAPACITANCE, LOW ON-STATE RESISTANCE, SOLID STATE RELAY
logo
Omron Electronics LLC
G3VM-101CR OMRON-G3VM-101CR Datasheet
2Mb / 6P
MOS FET Relays DIP 8-pin, High-Current and Low-ON-resistance Type
G3VM-31BR OMRON-G3VM-31BR Datasheet
653Kb / 9P
MOS FET Relays DIP 6-pin, High-current and Low-ON-resistance Type
G3VM-31HR OMRON-G3VM-31HR Datasheet
1Mb / 6P
MOS FET Relays SOP 6-pin, High-current and Low-ON-resistance Type
G3VM-XWR OMRON-G3VM-XWR Datasheet
1Mb / 4P
P-SON 4-pin, High-Current and Low-ON-Resistance Type
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com