Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQV255AX Datasheet (PDF) - Panasonic Semiconductor

AQV255AX Datasheet PDF - Panasonic Semiconductor
Part # AQV255AX
Download  AQV255AX Download
File Size   1005.43 Kbytes
Page   16 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description DIP6-pin type with low on-resistance and reinforced insulation

AQV255AX Datasheet (PDF)

Go To PDF Page Download Datasheet
AQV255AX Datasheet PDF - Panasonic Semiconductor

Part # AQV255AX
Download  AQV255AX Click to download

File Size   1005.43 Kbytes
Page   16 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description DIP6-pin type with low on-resistance and reinforced insulation

AQV255AX Datasheet (HTML) - Panasonic Semiconductor


AQV255AX Product details

FEATURES
Wide variation of 40V, 60V, 100V, 200V, 250V, 400V,
600V, 1,000V and 1,500V load voltage
Low on-resistance of Typ. 0.6Ω (AQV251)
Reinforced insulation type of 5,000Vrms I/O isolation
available

TYPICAL APPLICATIONS
Measuring instruments
Data communication equipment
Telephone equipment
Automatic meter reading device




Similar Part No. - AQV255AX

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQV255AX NAIS-AQV255AX Datasheet
56Kb / 4P
HE (High-function Economy) Type [1-Channel (Form A) Type]
logo
Panasonic Semiconductor
AQV255AX PANASONIC-AQV255AX Datasheet
88Kb / 4P
Both low on-resistance and good cost-performance achieved. Measuring instruments
AQV255AX PANASONIC-AQV255AX Datasheet
90Kb / 4P
High sensitivity and low on-resistance. DIP (1 Form A) 6-pin type.
AQV255AX PANASONIC-AQV255AX Datasheet
149Kb / 4P
DIP6-pin type with low on-resistance and reinforced insulation
2014.06
More results


Similar Description - AQV255AX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQY211EHAX PANASONIC-AQY211EHAX Datasheet
945Kb / 4P
High cost-performance DIP4-pin type with reinforced insulation
AQY211EH PANASONIC-AQY211EH Datasheet
956Kb / 5P
High cost-performance DIP4-pin type with reinforced insulation
AQY412EH PANASONIC-AQY412EH Datasheet
81Kb / 3P
Normally closed DIP4-pin economic type with reinforced insulation Modem
AQV210E PANASONIC-AQV210E Datasheet
85Kb / 4P
High cost-performance DIP6-pin type, reinforced insulation available Computers
AQV227N PANASONIC-AQV227N Datasheet
91Kb / 5P
DIP6-pin type featuring low on-resistance with 200V/400V load voltage
logo
Sharp Corporation
PC3SG21YIZ SHARP-PC3SG21YIZ Datasheet
223Kb / 13P
VDRM 600V, Reinforced Insulation Type
logo
MORNSUN Science& Techno...
G0505S-1WR2 MORNSUN-G0505S-1WR2 Datasheet
1Mb / 5P
Reinforced insulation
H0305S-1WR2 MORNSUN-H0305S-1WR2 Datasheet
1Mb / 5P
Reinforced insulation
logo
Omron Electronics LLC
G3VM-41UR10 OMRON-G3VM-41UR10 Datasheet
410Kb / 4P
VSON package with Low Output Capacitance and ON Resistance type
G3VM-XWR OMRON-G3VM-XWR Datasheet
1Mb / 4P
P-SON 4-pin, High-Current and Low-ON-Resistance Type
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com