Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

112MA102B1 Datasheet (PDF) - CTS Corporation

112MA102B1 Datasheet PDF - CTS Corporation
Part # 112MA102B1
Download  112MA102B1 Download
File Size   957.05 Kbytes
Page   3 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Commercial 3/4inch (19mm) Diameter, 1 1/2 and 2 watt Wirewound Variable Resistor

112MA102B1 Datasheet (PDF)

Go To PDF Page Download Datasheet
112MA102B1 Datasheet PDF - CTS Corporation

Part # 112MA102B1
Download  112MA102B1 Click to download

File Size   957.05 Kbytes
Page   3 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Commercial 3/4inch (19mm) Diameter, 1 1/2 and 2 watt Wirewound Variable Resistor

112MA102B1 Datasheet (HTML) - CTS Corporation




Similar Part No. - 112MA102B1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
112MT100KB IRF-112MT100KB Datasheet
121Kb / 9P
THREE PHASE CONTROLLED BRIDGE
112MT100KBS90 IRF-112MT100KBS90 Datasheet
121Kb / 9P
THREE PHASE CONTROLLED BRIDGE
logo
Vishay Siliconix
112MT100KPBF VISHAY-112MT100KPBF Datasheet
188Kb / 9P
Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
13-Aug-08
112MT100KS90PBF VISHAY-112MT100KS90PBF Datasheet
188Kb / 9P
Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
13-Aug-08
logo
International Rectifier
112MT120KB IRF-112MT120KB Datasheet
121Kb / 9P
THREE PHASE CONTROLLED BRIDGE
More results


Similar Description - 112MA102B1

ManufacturerPart #DatasheetDescription
logo
Power-One
CRS505 POWER-ONE-CRS505 Datasheet
45Kb / 2P
1/2 WATT
logo
CTS Corporation
115 CTS-115 Datasheet
1Mb / 4P
Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
450 CTS-450 Datasheet
65Kb / 2P
Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
118GA332R103B1 CTS-118GA332R103B1 Datasheet
547Kb / 2P
Commercial 3/4inch (19.1mm) Diameter, 2-Watt, Wirewound Variable Resisters
115GP300C103B1 CTS-115GP300C103B1 Datasheet
806Kb / 3P
Commercial 3/4inch (19mm) Diameter, 2 watt Wirewound Variable Resistor
450T220R103B1A1 CTS-450T220R103B1A1 Datasheet
2Mb / 9P
Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
logo
RCD COMPONENTS INC.
135X-R10 RCD-135X-R10 Datasheet
47Kb / 1P
PRECISION POWER WIREWOUND RESISTORS SILICONE COATED 1/2 WATT TO 50 WATT
logo
RSG Electronic Componen...
RR4-S03-D03 RSG-RR4-S03-D03 Datasheet
153Kb / 3P
3 Watt 2:1 regulated
logo
NTE Electronics
502-0401 NTE-502-0401 Datasheet
374Kb / 1P
1/2 Watt and 1/4 Watt, 6mm dia. shaft
logo
Recom International Pow...
REM3-053.3S RECOM-REM3-053.3S Datasheet
463Kb / 6P
3 Watt 2:1 & 4:1 DIP24 Single and Dual Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com