Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1111FDH20/002 Datasheet (PDF) - NXP Semiconductors

LPC1111FDH20/002 Datasheet PDF - NXP Semiconductors
Part # LPC1111FDH20/002
Download  LPC1111FDH20/002 Download
File Size   2598.34 Kbytes
Page   127 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description microcontroller

LPC1111FDH20/002 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPC1111FDH20/002 Datasheet PDF - NXP Semiconductors

Part # LPC1111FDH20/002
Download  LPC1111FDH20/002 Click to download

File Size   2598.34 Kbytes
Page   127 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description microcontroller

LPC1111FDH20/002 Datasheet (HTML) - NXP Semiconductors


LPC1111FDH20/002 Product details

General description
The LPC1110/11/12/13/14/15 are an ARM Cortex-M0 based, low-cost 32-bit MCU family,
designed for 8/16-bit microcontroller applications, offering performance, low power, simple
instruction set and memory addressing together with reduced code size compared to
existing 8/16-bit architectures.
The LPC1110/11/12/13/14/15 operate at CPU frequencies of up to 50 MHz.
The peripheral complement of the LPC1110/11/12/13/14/15 includes up to 64 kB of flash
memory, up to 8 kB of data memory, one Fast-mode Plus I2C-bus interface, one
RS-485/EIA-485 UART, up to two SPI interfaces with SSP features, four general purpose
counter/timers, a 10-bit ADC, and up to 42 general purpose I/O pins.
Remark: The LPC111x series consists of the LPC1100 series (parts
LPC111x/101/201/301), LPC1100L series (parts LPC111x/002/102/202/302), and the
LPC1100XL series (parts LPC111x/103/203/303/323/333). The LPC1100L and
LPC1100XL series include the power profiles, a windowed watchdog timer, and a
configurable open-drain mode.
Applications
 eMetering  Lighting
 Alarm systems  White goods




Similar Part No. - LPC1111FDH20/002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1111FHN33/101 NXP-LPC1111FHN33/101 Datasheet
1Mb / 2P
Cortex-M0 based microcontrollers with industry-leading power and efficiency
January 2010
LPC1111FHN33/101 NXP-LPC1111FHN33/101 Datasheet
410Kb / 59P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
LPC1111FHN33/201 NXP-LPC1111FHN33/201 Datasheet
1Mb / 2P
Cortex-M0 based microcontrollers with industry-leading power and efficiency
January 2010
LPC1111FHN33/201 NXP-LPC1111FHN33/201 Datasheet
410Kb / 59P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
More results


Similar Description - LPC1111FDH20/002

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
Microcontroller
LM4F111B2QR TI1-LM4F111B2QR Datasheet
5Mb / 1113P
Microcontroller
LM4F111E5QR TI1-LM4F111E5QR Datasheet
5Mb / 1114P
Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
Microcontroller
LM3S1110 TI1-LM3S1110 Datasheet
4Mb / 539P
Microcontroller
logo
Renesas Technology Corp
S5D9 RENESAS-S5D9 Datasheet
2Mb / 115P
Microcontroller
logo
List of Unclassifed Man...
N79E855 ETC2-N79E855 Datasheet
3Mb / 180P
Microcontroller
W567BXXX ETC2-W567BXXX Datasheet
494Kb / 13P
microcontroller
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com