Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1111FDH20/002 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LPC1111FDH20/002
Description  microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1111FDH20/002 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LPC1111FDH20/002 Datasheet HTML 2Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 3Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 4Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 5Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 6Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 7Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 8Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 9Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 127 page
background image
LPC111X
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 9.2 — 26 March 2014
6 of 127
NXP Semiconductors
LPC1110/11/12/13/14/15
32-bit ARM Cortex-M0 microcontroller
4.1 Ordering options
LPC1115JBD48/303
LQFP48
LQFP48: plastic low profile quad flat package; 48 leads; body 7
 7 
1.4 mm
SOT313-2
LPC1115FET48/303
TFBGA48
plastic thin fine-pitch ball grid array package; 48 balls; body 4.5
 4.5
 0.7 mm
SOT1155-2
LPC1115JET48/303
TFBGA48
plastic thin fine-pitch ball grid array package; 48 balls; body 4.5
 4.5
 0.7 mm
SOT1155-2
Table 1.
Ordering information …continued
Type number
Package
Name
Description
Version
Table 2.
Ordering options
Type number
Series
Flash
Total
SRAM
Power
profiles
UART I2C/
Fast+
SPI ADC
channel
GPIO Package
Temp[1]
LPC1110
LPC1110FD20
LPC1100L
4 kB
1 kB
yes
1
1
1
5
16
SO20
F
LPC1111
LPC1111FDH20/002 LPC1100L
8 kB
2 kB
yes
1
1
1
5
16
TSSOP20 F
LPC1111FHN33/101 LPC1100
8 kB
2 kB
no
1
1
1
8
28
HVQFN33 F
LPC1111FHN33/102 LPC1100L
8 kB
2 kB
yes
1
1
1
8
28
HVQFN33 F
LPC1111FHN33/103 LPC1100XL 8 kB
2 kB
yes
1
1
2
8
28
HVQFN33 F
LPC1111JHN33/103
LPC1100XL 8 kB
2 kB
yes
1
1
2
8
28
HVQFN33 J
LPC1111FHN33/201 LPC1100
8 kB
4 kB
no
1
1
1
8
28
HVQFN33 F
LPC1111FHN33/202 LPC1100L
8 kB
4 kB
yes
1
1
1
8
28
HVQFN33 F
LPC1111FHN33/203 LPC1100XL 8 kB
4 kB
yes
1
1
2
8
28
HVQFN33 F
LPC1111JHN33/203
LPC1100XL 8 kB
4 kB
yes
1
1
2
8
28
HVQFN33 J
LPC1112
LPC1112FD20/102
LPC1100L
16 kB
4 kB
yes
1
1
1
5
16
SO20
F
LPC1112FDH20/102 LPC1100L
16 kB
4 kB
yes
1
-
1
5
14
TSSOP20 F
LPC1112FDH28/102 LPC1100L
16 kB
4 kB
yes
1
1
1
6
22
TSSOP28 F
LPC1112FHN24/202 LPC1100L
16 kB
4 kB
yes
1
1
1
6
19
HVQFN24 F
LPC1112FHN33/101 LPC1100
16 kB
2 kB
no
1
1
1
8
28
HVQFN33 F
LPC1112FHN33/102 LPC1100L
16 kB
2 kB
yes
1
1
1
8
28
HVQFN33 F
LPC1112FHN33/103 LPC1100XL 16 kB
2 kB
yes
1
1
2
8
28
HVQFN33 F
LPC1112JHN33/103 LPC1100XL 16 kB
2 kB
yes
1
1
2
8
28
HVQFN33 J
LPC1112FHN33/201 LPC1100
16 kB
4 kB
no
1
1
1
8
28
HVQFN33 F
LPC1112FHN33/202 LPC1100L
16 kB
4 kB
yes
1
1
1
8
28
HVQFN33 F
LPC1112FHN33/203 LPC1100XL 16 kB
4 kB
yes
1
1
2
8
28
HVQFN33 F
LPC1112JHN33/203 LPC1100XL 16 kB
4 kB
yes
1
1
2
8
28
HVQFN33 J
LPC1112FHI33/102
LPC1100L
16 kB
2 kB
yes
1
1
1
8
28
HVQFN33 F
LPC1112FHI33/202
LPC1100L
16 kB
4 kB
yes
1
1
1
8
28
HVQFN33 F
LPC1112FHI33/203
LPC1100XL 16 kB
4 kB
yes
1
1
2
8
28
HVQFN33 F
LPC1112JHI33/203
LPC1100XL 16 kB
4 kB
yes
1
1
2
8
28
HVQFN33 J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com