Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1111FDH20/002 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # LPC1111FDH20/002
Description  microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1111FDH20/002 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button LPC1111FDH20/002 Datasheet HTML 17Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 18Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 19Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 20Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 21Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 22Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 23Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 24Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 127 page
background image
LPC111X
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 9.2 — 26 March 2014
21 of 127
NXP Semiconductors
LPC1110/11/12/13/14/15
32-bit ARM Cortex-M0 microcontroller
[1]
Pin state at reset for default function: I = Input; O = Output; PU = internal pull-up enabled (pins pulled up to full VDD level ); IA = inactive,
no pull-up/down enabled.
[2]
5 V tolerant pad. RESET functionality is not available in Deep power-down mode.
[3]
5 V tolerant pad providing digital I/O functions with configurable pull-up/pull-down resistors and configurable hysteresis (see Figure 51).
[4]
I2C-bus pin compliant with the I2C-bus specification for I2C standard mode and I2C Fast-mode Plus. The pin requires an external pull-up
to provide output functionality. When power is switched off, this pin is floating and does not disturb the I2C lines. Open-drain
configuration applies to all functions on this pin.
[5]
5 V tolerant pad providing digital I/O functions with configurable pull-up/pull-down resistors, configurable hysteresis, and analog input.
When configured as a ADC input, digital section of the pad is disabled and the pin is not 5 V tolerant (see Figure 51).
[6]
When the system oscillator is not used, connect XTALIN and XTALOUT as follows: XTALIN can be left floating or can be grounded
(grounding is preferred to reduce susceptibility to noise). XTALOUT should be left floating.
Table 5.
LPC1100L series: LPC1112 pin description table (TSSOP20 with VDDA and VSSA pins)
Symbol
Start
logic
input
Type
Reset
state
[1]
Description
PIO0_0 to PIO0_11
I/O
Port 0 — Port 0 is a 12-bit I/O port with individual direction
and function controls for each bit. The operation of port 0 pins
depends on the function selected through the IOCONFIG
register block.
RESET/PIO0_0
17
[2]
yes
I
I; PU
RESET — External reset input with 20 ns glitch filter. A
LOW-going pulse as short as 50 ns on this pin resets the
device, causing I/O ports and peripherals to take on their
default states, and processor execution to begin at address 0.
In deep power-down mode, this pin must be pulled HIGH
externally. The RESET pin can be left unconnected or be
used as a GPIO pin if an external RESET function is not
needed and Deep power-down mode is not used.
I/O
-
PIO0_0 — General purpose digital input/output pin with 10 ns
glitch filter.
PIO0_1/CLKOUT/
CT32B0_MAT2
18
[3]
yes
I/O
I; PU
PIO0_1 — General purpose digital input/output pin. A LOW
level on this pin during reset starts the ISP command handler.
O-
CLKOUT — Clockout pin.
O-
CT32B0_MAT2 — Match output 2 for 32-bit timer 0.
PIO0_2/SSEL0/
CT16B0_CAP0
19
[3]
yes
I/O
I; PU
PIO0_2 — General purpose digital input/output pin.
I/O
-
SSEL0 — Slave Select for SPI0.
I-
CT16B0_CAP0 — Capture input 0 for 16-bit timer 0.
PIO0_3
20
[3]
yes
I/O
I; PU
PIO0_3 — General purpose digital input/output pin.
PIO0_8/MISO0/
CT16B0_MAT0
1
[3]
yes
I/O
I; PU
PIO0_8 — General purpose digital input/output pin.
I/O
-
MISO0 — Master In Slave Out for SPI0.
O-
CT16B0_MAT0 — Match output 0 for 16-bit timer 0.
PIO0_9/MOSI0/
CT16B0_MAT1
2
[3]
yes
I/O
I; PU
PIO0_9 — General purpose digital input/output pin.
I/O
-
MOSI0 — Master Out Slave In for SPI0.
O-
CT16B0_MAT1 — Match output 1 for 16-bit timer 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com