Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1111FDH20/002 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LPC1111FDH20/002
Description  microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1111FDH20/002 Datasheet(HTML) 3 Page - NXP Semiconductors

  LPC1111FDH20/002 Datasheet HTML 1Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 2Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 3Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 4Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 5Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 6Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 7Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 8Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 127 page
background image
LPC111X
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 9.2 — 26 March 2014
3 of 127
NXP Semiconductors
LPC1110/11/12/13/14/15
32-bit ARM Cortex-M0 microcontroller
 LPC1100L series available as TSSOP28 package, DIP28 package, TSSOP20
package, and SO20 package.
 Extended temperature (
40 C to +105 C) for selected parts (see Table 2).
3.
Applications
4.
Ordering information
 eMetering
 Lighting
 Alarm systems
 White goods
Table 1.
Ordering information
Type number
Package
Name
Description
Version
SO20, TSSOP20, TSSOP28, and DIP28 packages
LPC1110FD20
SO20
SO20: plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1
LPC1111FDH20/002
TSSOP20
TSSOP20: plastic thin shrink small outline package; 20 leads; body
width 4.4 mm
SOT360-1
LPC1112FD20/102
SO20
SO20: plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1
LPC1112FDH20/102
TSSOP20
TSSOP20: plastic thin shrink small outline package; 20 leads; body
width 4.4 mm
SOT360-1
LPC1112FDH28/102
TSSOP28
TSSOP28: plastic thin shrink small outline package; 28 leads; body
width 4.4 mm
SOT361-1
LPC1114FDH28/102
TSSOP28
TSSOP28: plastic thin shrink small outline package; 28 leads; body
width 4.4 mm
SOT361-1
LPC1114FN28/102
DIP28
DIP28: plastic dual in-line package; 28 leads (600 mil)
SOT117-1
HVQFN24/33, LQFP48, and TFBGA48 packages
LPC1111FHN33/101
HVQFN33
HVQFN: plastic thermal enhanced very thin quad flat package; no
leads; 33 terminals; body 7
 7  0.85 mm
n/a
LPC1111FHN33/102
HVQFN33
HVQFN: plastic thermal enhanced very thin quad flat package; no
leads; 33 terminals; body 7
 7  0.85 mm
n/a
LPC1111FHN33/201
HVQFN33
HVQFN: plastic thermal enhanced very thin quad flat package; no
leads; 33 terminals; body 7
 7  0.85 mm
n/a
LPC1111FHN33/202
HVQFN33
HVQFN: plastic thermal enhanced very thin quad flat package; no
leads; 33 terminals; body 7
 7  0.85 mm
n/a
LPC1111FHN33/103
HVQFN33
HVQFN: plastic thermal enhanced very thin quad flat package; no
leads; 33 terminals; body 7
 7  0.85 mm
n/a
LPC1111JHN33/103
HVQFN33
HVQFN: plastic thermal enhanced very thin quad flat package; no
leads; 33 terminals; body 7
 7  0.85 mm
n/a
LPC1111FHN33/203
HVQFN33
HVQFN: plastic thermal enhanced very thin quad flat package; no
leads; 33 terminals; body 7
 7  0.85 mm
n/a
LPC1111JHN33/203
HVQFN33
HVQFN: plastic thermal enhanced very thin quad flat package; no
leads; 33 terminals; body 7
 7  0.85 mm
n/a
LPC1112FHN33/101
HVQFN33
HVQFN: plastic thermal enhanced very thin quad flat package; no
leads; 33 terminals; body 7
 7  0.85 mm
n/a
LPC1112FHN33/102
HVQFN33
HVQFN: plastic thermal enhanced very thin quad flat package; no
leads; 33 terminals; body 7
 7  0.85 mm
n/a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com