Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0673 Datasheet (PDF) - DFROBOT

DFR0673 Datasheet PDF - DFROBOT
Part # DFR0673
Download  DFR0673 Download
File Size   120.63 Kbytes
Page   2 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Detection Range: DC 2.5V-30V

DFR0673 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR0673 Datasheet PDF - DFROBOT

Part # DFR0673
Download  DFR0673 Click to download

File Size   120.63 Kbytes
Page   2 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Detection Range: DC 2.5V-30V

DFR0673 Datasheet (HTML) - DFROBOT


DFR0673 Product details

SPECIFICATION
 Detection Range: DC 2.5V-30V
 Power Supply Range: DC 2.5V-30V(Use the measured voltage as power
supply)
 Maximum Input Voltage: DC 30V(Voltage beyond this may permanently
damage the product)
 Permissible Error: ±1% (when voltage>10V, error is ±0.3V; voltage<10V,±0.10)
 Input Impedance: >100KΩ
 Operating Current: <23mA
 Refresh Rate: about 300ms once
 Display Mode: 0.36”three digits LED display
Display Color: red
Lead Length: 20cm
Dimension: 23*15*10mm/0.91*0.59*0.39”(L*W*H, the length is 33mm
mounting lugs are included)
Mounting Hole: pitch, 28mm; aperture, 2.8mm
Operating Temperature: -10℃-65℃




Similar Part No. - DFR0673

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0672 DFROBOT-DFR0672 Datasheet
973Kb / 26P
SKU:DFR0672
7-1-22
DFR0675-EN DFROBOT-DFR0675-EN Datasheet
565Kb / 4P
Stereo Bluetooth Amplifier Board
11/4/20
More results


Similar Description - DFR0673

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB0015-03A SANYO-SB0015-03A Datasheet
58Kb / 2P
30V,15mA Detection Applications
logo
Integrated Circuit Syst...
ICS93V857YL-025T ICST-ICS93V857YL-025T Datasheet
82Kb / 10P
2.5V Wide Range Frequency Clock Driver
logo
Maxim Integrated Produc...
MAX8795A_1106 MAXIM-MAX8795A_1106 Datasheet
641Kb / 31P
TFT-LCD DC-DC Converter with Operational Amplifiers 2.5V to 5.5V Input Supply Range
Rev 4; 6/11
logo
Richtek Technology Corp...
DS8008-07 RICHTEK-DS8008-07 Datasheet
388Kb / 14P
2.5V to 5.5V Input Range
logo
Shanghai Leiditech Elec...
LP25P20T5 LEIDITECH-LP25P20T5 Datasheet
761Kb / 7P
Input Voltage Range: 2.5V to 5.5V
LP25P21T5 LEIDITECH-LP25P21T5 Datasheet
924Kb / 7P
Input Voltage Range: 2.5V to 5.5V
LP25051T5 LEIDITECH-LP25051T5 Datasheet
903Kb / 6P
Input Voltage Range: 2.5V to 5.5V
LP25151T5 LEIDITECH-LP25151T5 Datasheet
1Mb / 6P
Input Voltage Range: 2.5V to 5.5V
LP25151T5-A LEIDITECH-LP25151T5-A Datasheet
1Mb / 6P
Input Voltage Range: 2.5V to 5.5V
logo
EHAOAN.
HS438 EHAOAN-HS438 Datasheet
1Mb / 8P
Supply voltage range: 2.5V~5.5V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com