Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0675-EN Datasheet (PDF) - DFROBOT

DFR0675-EN Datasheet PDF - DFROBOT
Part # DFR0675-EN
Download  DFR0675-EN Download
File Size   565.8 Kbytes
Page   4 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Stereo Bluetooth Amplifier Board

DFR0675-EN Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR0675-EN Datasheet PDF - DFROBOT

Part # DFR0675-EN
Download  DFR0675-EN Click to download

File Size   565.8 Kbytes
Page   4 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Stereo Bluetooth Amplifier Board

DFR0675-EN Datasheet (HTML) - DFROBOT


DFR0675-EN Product details

SPECIFICATION
 Voltage: 5-24V
 Bluetooth 5.0
 Transmission Distance: 15m (visible)
 Sound Channel: two channels (stereo)
 Output Power(@1KHz): 20W*2 @12V 4Ω
30W*2 @16V 4Ω
30W*2 @21V 8Ω
40W*2 @24V 8Ω
 Match Speaker: 4Ω(5~16V), 8Ω(5~24V)




Similar Part No. - DFR0675-EN

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0672 DFROBOT-DFR0672 Datasheet
973Kb / 26P
SKU:DFR0672
7-1-22
DFR0673 DFROBOT-DFR0673 Datasheet
120Kb / 2P
Detection Range: DC 2.5V-30V
More results


Similar Description - DFR0675-EN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2320A STMICROELECTRONICS-TDA2320A Datasheet
149Kb / 12P
STEREO AMPLIFIER
Oct-1997
logo
List of Unclassifed Man...
STK2129 ETC-STK2129 Datasheet
159Kb / 4P
STEREO POWER AMPLIFIER
logo
Avic Technology
AV2025 AVICTEK-AV2025 Datasheet
160Kb / 4P
STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
MB-C03 ETC2-MB-C03 Datasheet
492Kb / 11P
Bluetooth Stereo Module
logo
Abracon Corporation
ABBTM-2.4GHZ-EVAL ABRACON-ABBTM-2.4GHZ-EVAL Datasheet
2Mb / 4P
Bluetooth Module Evaluation Board
01.26.12
logo
Unisonic Technologies
TDA22003 UTC-TDA22003_15 Datasheet
239Kb / 6P
10W STEREO AMPLIFIER
logo
RF Micro Devices
RF5373 RFMD-RF5373_15 Datasheet
1Mb / 13P
AND BLUETOOTH DRIVER/AMPLIFIER
logo
Monolithic Power System...
EV7782DF-02 MPS-EV7782DF-02 Datasheet
403Kb / 6P
40W Class D Stereo Bridged Audio Amplifier Evaluation Board
logo
List of Unclassifed Man...
BT2025BH ETC1-BT2025BH Datasheet
79Kb / 1P
Stereo Amplifier
CSR57E6 ETC2-CSR57E6 Datasheet
1Mb / 11P
Bluetooth Stereo Audio Transmitter Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com