Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0675-EN Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0675-EN
Description  Stereo Bluetooth Amplifier Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0675-EN Datasheet(HTML) 2 Page - DFROBOT

  DFR0675-EN Datasheet HTML 1Page - DFROBOT DFR0675-EN Datasheet HTML 2Page - DFROBOT DFR0675-EN Datasheet HTML 3Page - DFROBOT DFR0675-EN Datasheet HTML 4Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Note:
1. Keep the amplifier board as far away as possible from the WIFI signal (router).
2. 5-24VDC is recommended; upper than 26V, the chip will be burnt.
3. Input voltage can not exceed 16V when connecting to 4Ω speakers, and not exceed 24V
when connecting to 8Ω speakers.
4. Recommended power supply current 2A at least.
5. The speaker wire should be within 1m.
6. Pay attention to electrostatic protection. Since the Bluetooth chip is very sensitive to
static electricity, you must discharge the static electricity on your hand to avoid the static
electricity from puncturing the chip when touching the board.
7. It is recommended to use a speaker above 40W to avoid speaker damage.
8. When the module’s power supply voltage is relatively low but the output power is
relatively large, noise may be produced. You can reduce the volume or increase the power
supply voltage to solve it.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com