Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5634M Datasheet (PDF) - NXP Semiconductors

MPC5634M Datasheet PDF - NXP Semiconductors
Part # MPC5634M
Download  MPC5634M Download
File Size   247.45 Kbytes
Page   2 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit Microcontrollers

MPC5634M Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC5634M Datasheet PDF - NXP Semiconductors

Part # MPC5634M
Download  MPC5634M Click to download

File Size   247.45 Kbytes
Page   2 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit Microcontrollers

MPC5634M Datasheet (HTML) - NXP Semiconductors


MPC5634M Product details

Target Applications
• 1–4-cylinder gasoline direct
injection engines
• Entry-level diesel engines
• Entry-level transmission
Qorivva MPC563xM Key Features
• e200z3 core, built on Power Architecture
technology, up to 80 MHz
• Single instruction/multiple data (SIMD)
module for DSP and floating
point operations
• Variable length encoding (VLE) capability
to help reduce code footprint by up to 30
percent for improved code density and
reduced memory requirements
• Family includes 768 KB, 1 MB and 1.5 MB
flash memory options with ECC
• Up to 111 KB SRAM
• 32-channel eTPU2 to handle complex timer
applications and offload the CPU
• Up to 34-channel dual analog-to-digital
converter (ADC) with differential channels
and input variable gain amplifiers
• 2 x FlexCAN compatible with TouCAN,
64 + 32 buffers
• 2 x eSCI
• 2 x DSPI (16 bits wide) up to six chip
selects each with continuous mode mode,
DMA and microsecond bus channel
(MSC) support
• Die temperature sensor
• 32-channel enhanced DMA controller
• 191 source interrupt controller
• Nexus IEEE-ISTO 5001-2003 Class 2+
(eTPU2 Class 1)
• Single 5V power supply with internal
regulator supporting 3.3V
• Frequency modulating phase-locked
loop (FMPLL)
• 100 LQFP, 144 LQFP, 176 LQFP, 208
MAPBGA and VertiCal Calibration System
package options




Similar Part No. - MPC5634M

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5634M FREESCALE-MPC5634M Datasheet
1Mb / 106P
Microcontroller
MPC5634M FREESCALE-MPC5634M Datasheet
2Mb / 118P
microcontroller units (MCUs)
MPC5634M FREESCALE-MPC5634M Datasheet
1Mb / 132P
High performance e200z335 core processor
MPC5634MF0MLQA4 FREESCALE-MPC5634MF0MLQA4 Datasheet
2Mb / 118P
microcontroller units (MCUs)
MPC5634MF0MLQA6 FREESCALE-MPC5634MF0MLQA6 Datasheet
2Mb / 118P
microcontroller units (MCUs)
More results


Similar Description - MPC5634M

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB91265A FUJITSU-MB91265A Datasheet
394Kb / 55P
32-bit Proprietary Microcontrollers
logo
ATMEL Corporation
AVR32000 ATMEL-AVR32000 Datasheet
43Kb / 6P
32-bit Microcontrollers
logo
fujitsu semiconductor
MB91150 FUJITSU-MB91150 Datasheet
926Kb / 105P
32-bit Proprietary Microcontrollers
MB91470 FUJITSU-MB91470 Datasheet
987Kb / 90P
32-bit Microcontrollers
logo
ATMEL Corporation
AT91SC464384RCU ATMEL-AT91SC464384RCU Datasheet
72Kb / 5P
32-bit Secure Microcontrollers
logo
fujitsu semiconductor
MB91F610A FUJITSU-MB91F610A Datasheet
517Kb / 104P
32-bit Microcontrollers
MB91F627 FUJITSU-MB91F627 Datasheet
565Kb / 96P
32-bit Microcontrollers
logo
ATMEL Corporation
AVR32918 ATMEL-AVR32918 Datasheet
373Kb / 13P
32-bit Microcontrollers
logo
Toshiba Semiconductor
TMPM330FWFG TOSHIBA-TMPM330FWFG Datasheet
1Mb / 24P
32-Bit Microcontrollers
logo
List of Unclassifed Man...
NUC230LC2AE ETC2-NUC230LC2AE Datasheet
2Mb / 97P
32-bit microcontrollers
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com