Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD30N30 Datasheet (PDF) - CASS SEMICONDUCTOR CO., LTD

CSD30N30 Datasheet PDF - CASS SEMICONDUCTOR CO., LTD
Part # CSD30N30
Download  CSD30N30 Download
File Size   802.69 Kbytes
Page   6 Pages
Manufacturer  CASS [CASS SEMICONDUCTOR CO., LTD]
Direct Link  http://www.casssemi.com
Logo CASS - CASS SEMICONDUCTOR CO., LTD
Description N-Channel Trench Power MOSFET

CSD30N30 Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD30N30 Datasheet PDF - CASS SEMICONDUCTOR CO., LTD

Part # CSD30N30
Download  CSD30N30 Click to download

File Size   802.69 Kbytes
Page   6 Pages
Manufacturer  CASS [CASS SEMICONDUCTOR CO., LTD]
Direct Link  http://www.casssemi.com
Logo CASS - CASS SEMICONDUCTOR CO., LTD
Description N-Channel Trench Power MOSFET

CSD30N30 Datasheet (HTML) - CASS SEMICONDUCTOR CO., LTD


CSD30N30 Product details

Features
● VDS = 30V,ID =110A
RDS(ON) < 4mΩ @ VGS =10V
RDS(ON) < 7mΩ @ VGS =4.5V
● High Power and current handing capability
● Lead free product is acquired
● Surface Mount Package

Application
● PWM applications
● Load switch
Power management

General Description
The CSD30N30 uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with gate
voltages as low as 4.5V. This device is suitable for use as a
wide variety of applications.




Similar Part No. - CSD30N30

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
CSD30N30 ISC-CSD30N30 Datasheet
321Kb / 2P
Isc N-Channel MOSFET Transistor
More results


Similar Description - CSD30N30

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDT86244 FAIRCHILD-FDT86244 Datasheet
239Kb / 6P
N-Channel Power Trench MOSFET
logo
Guangdong Kexin Industr...
NDT70N06 KEXIN-NDT70N06 Datasheet
586Kb / 5P
N-Channel Trench Power MOSFET
NDT90N04 KEXIN-NDT90N04 Datasheet
255Kb / 2P
N-Channel Trench Power MOSFET
logo
Shenzhen Huazhimei Semi...
HM1607D HMSEMI-HM1607D Datasheet
874Kb / 6P
N-Channel Trench Power MOSFET
HM70N90D HMSEMI-HM70N90D Datasheet
681Kb / 6P
N-Channel Trench Power MOSFET
logo
Leshan Radio Company
LN7610DT1WG LRC-LN7610DT1WG Datasheet
822Kb / 6P
N-Channel Power Trench MOSFET
LNB86085DT0AG LRC-LNB86085DT0AG Datasheet
395Kb / 5P
N-Channel Power Trench MOSFET
S-LN7610DT1WG LRC-S-LN7610DT1WG Datasheet
826Kb / 6P
N-Channel Power Trench MOSFET
logo
Shenzhen Huazhimei Semi...
HM4030D HMSEMI-HM4030D Datasheet
850Kb / 6P
N-Channel Trench Power MOSFET
HM4030 HMSEMI-HM4030 Datasheet
410Kb / 6P
N-Channel Trench Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com