Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD30N30 Datasheet(PDF) 2 Page - CASS SEMICONDUCTOR CO., LTD

Part # CSD30N30
Description  N-Channel Trench Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CASS [CASS SEMICONDUCTOR CO., LTD]
Direct Link  http://www.casssemi.com
Logo CASS - CASS SEMICONDUCTOR CO., LTD

CSD30N30 Datasheet(HTML) 2 Page - CASS SEMICONDUCTOR CO., LTD

  CSD30N30 Datasheet HTML 1Page - CASS SEMICONDUCTOR CO., LTD CSD30N30 Datasheet HTML 2Page - CASS SEMICONDUCTOR CO., LTD CSD30N30 Datasheet HTML 3Page - CASS SEMICONDUCTOR CO., LTD CSD30N30 Datasheet HTML 4Page - CASS SEMICONDUCTOR CO., LTD CSD30N30 Datasheet HTML 5Page - CASS SEMICONDUCTOR CO., LTD CSD30N30 Datasheet HTML 6Page - CASS SEMICONDUCTOR CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CSD30N30
CASS SEMICONDUCTOR CO., LTD
http://www.casssemi.com
V3.0
- 2 -
Table 3.
Electrical Characteristics (TA=25℃unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
On/Off States
BVDSS
Drain-Source Breakdown Voltage
VGS=0V ID=250μA
30
V
IDSS
Zero Gate Voltage Drain Current
VDS=24V,VGS=0V
1
μA
IGSS
Gate-Body Leakage Current
VGS=±20V,VDS=0V
±100
nA
VGS(th)
Gate Threshold Voltage
VDS=VGS,ID=250μA
1
1.6
3
V
gFS
Forward Transconductance
VDS=5V,ID=20A
18
S
VGS=10V, ID=20A(Tc=25℃)
3
4
mΩ
VGS=10V, ID=20A (Tc=125℃)
4.5
5.5
mΩ
RDS(ON)
Drain-Source On-State Resistance
VGS=4.5V, ID=20A
4.3
7
mΩ
Dynamic Characteristics
Ciss
Input Capacitance
5400
pF
Coss
Output Capacitance
920
pF
Crss
Reverse Transfer Capacitance
VDS=15V,VGS=0V,
f=1.0MHz
260
pF
Rg
Gate resistance
VGS=0V, VDS=0V,f=1.0MHz
0.9
Ω
Switching Times
td(on)
Turn-on Delay Time
24
nS
tr
Turn-on Rise Time
49
nS
td(off)
Turn-Off Delay Time
85
nS
tf
Turn-Off Fall Time
VGS=10V, VDS=15V,
RL=0.75,RGEN=3
21
nS
Qg
Total Gate Charge
126
nC
Qgs
Gate-Source Charge
14
nC
Qgd
Gate-Drain Charge
VGS=10V, VDS=25V, ID=14A
38
nC
Source-Drain Diode Characteristics
ISD
Source-Drain Current(Body Diode)
110
A
VSD
Forward on Voltage
(Note 1)
VGS=0V,IS=20A
1.2
V
trr
Body Diode Reverse Recovery Time
IF=20A, dI/dt=100A/s
29
ns
Qrr
Body Diode Reverse Recovery Charge
IF=20A, dI/dt=100A/s
20
nC
Notes 1. Repetitive Rating: Pulse width limited by maximum junction temperature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com