Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3503FSTU Datasheet (PDF) - Fairchild Semiconductor

2SC3503FSTU Datasheet PDF - Fairchild Semiconductor
Part # 2SC3503FSTU
Download  2SC3503FSTU Download
File Size   154.69 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description NPN Epitaxial Silicon Transistor

2SC3503FSTU Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3503FSTU Datasheet PDF - Fairchild Semiconductor

Part # 2SC3503FSTU
Download  2SC3503FSTU Click to download

File Size   154.69 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description NPN Epitaxial Silicon Transistor

2SC3503FSTU Datasheet (HTML) - Fairchild Semiconductor


2SC3503FSTU Product details

Features
• High Voltage : VCEO= 300V
• Low Reverse Transfer Capacitance : Cre= 1.8pF at VCB = 30V
• Excellent Gain Linearity for low THD
• High Frequency: 150MHz
• Full thermal and electrical Spice models are available
• Complement to 2SA1381/KSA1381.

Applications
• Audio, Voltage Amplifier and Current Source
• CRT Display, Video Output
• General Purpose Amplifier




Similar Part No. - 2SC3503FSTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2SC3503FSTU FAIRCHILD-2SC3503FSTU Datasheet
159Kb / 6P
NPN Epitaxial Silicon Transistor
More results


Similar Description - 2SC3503FSTU

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com