Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3503FSTU Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 2SC3503FSTU
Description  NPN Epitaxial Silicon Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2SC3503FSTU Datasheet(HTML) 1 Page - Fairchild Semiconductor

  2SC3503FSTU Datasheet HTML 1Page - Fairchild Semiconductor 2SC3503FSTU Datasheet HTML 2Page - Fairchild Semiconductor 2SC3503FSTU Datasheet HTML 3Page - Fairchild Semiconductor 2SC3503FSTU Datasheet HTML 4Page - Fairchild Semiconductor 2SC3503FSTU Datasheet HTML 5Page - Fairchild Semiconductor 2SC3503FSTU Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
2SC3503/KSC3503 Rev. A1
1
March 2008
2SC3503/KSC3503
NPN Epitaxial Silicon Transistor
Applications
• Audio, Voltage Amplifier and Current Source
• CRT Display, Video Output
• General Purpose Amplifier
Features
• High Voltage : VCEO= 300V
• Low Reverse Transfer Capacitance : Cre= 1.8pF at VCB = 30V
• Excellent Gain Linearity for low THD
• High Frequency: 150MHz
• Full thermal and electrical Spice models are available
• Complement to 2SA1381/KSA1381.
Absolute Maximum Ratings* T
a = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Thermal Characteristics* T
a=25°C unless otherwise noted
* Device mounted on minimum pad size
hFE Classification
Symbol
Parameter
Ratings
Units
BVCBO
Collector-Base Voltage
300
V
BVCEO
Collector-Emitter Voltage
300
V
BVEBO
Emitter-Base Voltage
5
V
IC
Collector Current(DC)
100
mA
ICP
Collector Current(Pulse)
200
mA
PC
Total Device Dissipation, TC=25°C
TC=125°C
7
1.2
W
W
TJ, TSTG
Junction and Storage Temperature
- 55 ~ +150
°C
Symbol
Parameter
Max.
Units
RθJC
Thermal Resistance, Junction to Case
17.8
°C/W
Classification
CD
E
F
hFE
40 ~ 80
60 ~ 120
100 ~ 200
160 ~ 320
1
TO-126
1. Emitter
2.Collector
3.Base


Similar Part No. - 2SC3503FSTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2SC3503FSTU FAIRCHILD-2SC3503FSTU Datasheet
159Kb / 6P
NPN Epitaxial Silicon Transistor
More results

Similar Description - 2SC3503FSTU

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com