Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV2G08A Datasheet (PDF) - Renesas Technology Corp

HD74LV2G08A Datasheet PDF - Renesas Technology Corp
Part # HD74LV2G08A
Download  HD74LV2G08A Download
File Size   81.8 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 2-input AND Gates

HD74LV2G08A Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74LV2G08A Datasheet PDF - Renesas Technology Corp

Part # HD74LV2G08A
Download  HD74LV2G08A Click to download

File Size   81.8 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 2-input AND Gates

HD74LV2G08A Datasheet (HTML) - Renesas Technology Corp


HD74LV2G08A Product details

Description
The HD74LV2G08A has dual two–inputs AND gates in an 8 pin package. Low voltage and high-speed operation is suitable for the battery powered products (e.g., notebook computers), and the low power consumption extends the battery life.

Features
• The basic gate function is lined up as Renesas uni logic series.
• Supplied on emboss taping for high-speed automatic mounting.
• Electrical characteristics equivalent to the HD74LV08A
    Supply voltage range : 1.65 to 5.5 V
    Operating temperature range : –40 to +85°C
• All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
    All outputs VO (Max.) = 5.5 V (@VCC = 0 V)
• Output current ±6 mA (@VCC = 3.0 V to 3.6 V), ±12 mA (@VCC = 4.5 V to 5.5 V)
• All the logical input has hysteresis voltage for the slow transition.




Similar Part No. - HD74LV2G08A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV2G08A HITACHI-HD74LV2G08A Datasheet
89Kb / 9P
Dual 2-input AND Gates
logo
Renesas Technology Corp
HD74LV2G08A RENESAS-HD74LV2G08A_15 Datasheet
105Kb / 11P
Dual 2?밿nput AND Gates
More results


Similar Description - HD74LV2G08A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV2G08A HITACHI-HD74LV2G08A Datasheet
89Kb / 9P
Dual 2-input AND Gates
HD74ALVC2G08 HITACHI-HD74ALVC2G08 Datasheet
97Kb / 10P
Dual 2-input AND Gates
logo
Fairchild Semiconductor
HD74LV2G02A FAIRCHILD-HD74LV2G02A Datasheet
82Kb / 9P
Dual 2-input NOR Gates
logo
Renesas Technology Corp
HD74ALVC2G02 RENESAS-HD74ALVC2G02 Datasheet
86Kb / 10P
Dual 2-input NOR Gates
HD74ALVC2G08 RENESAS-HD74ALVC2G08 Datasheet
86Kb / 10P
Dual 2-input AND Gates
HD74ALVC2G32 RENESAS-HD74ALVC2G32 Datasheet
86Kb / 10P
Dual 2-input OR Gates
HD74LV2G00A RENESAS-HD74LV2G00A Datasheet
81Kb / 9P
Dual 2-input NAND Gates
HD74LV2G02A RENESAS-HD74LV2G02A Datasheet
82Kb / 9P
Dual 2-input NOR Gates
HD74ALVC2G02 RENESAS-HD74ALVC2G02_15 Datasheet
111Kb / 12P
Dual 2-input NOR Gates
HD74ALVC2G08 RENESAS-HD74ALVC2G08_15 Datasheet
110Kb / 12P
Dual 2-input AND Gates
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com