Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37220M3 Datasheet (PDF) - Renesas Technology Corp

M37220M3 Datasheet PDF - Renesas Technology Corp
Part # M37220M3
Download  M37220M3 Download
File Size   1369.16 Kbytes
Page   54 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER

M37220M3 Datasheet (PDF)

Go To PDF Page Download Datasheet
M37220M3 Datasheet PDF - Renesas Technology Corp

Part # M37220M3
Download  M37220M3 Click to download

File Size   1369.16 Kbytes
Page   54 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER

M37220M3 Datasheet (HTML) - Renesas Technology Corp


M37220M3 Product details

DESCRIPTION
The M37220M3-XXXSP is a single-chip microcomputer designed with CMOS silicon gate technology. It is housed in a 42-pin shrink plastic molded DIP.
In addition to their simple instruction sets, the ROM, RAM and I/O addresses are placed on the same memory map to enable easy pro gramming.
The M37220M3-XXXSP has a PWM output function and a OSD dis play function, so it is useful for a channel selection system for TV.

FEATURES
• Number of basic instructions ..................................................... 71
• Memory size
   ROM ........................................................12 K bytes
   RAM ......................................................... 256 bytes
   ROM for display......................................... 4 K bytes
   RAM for display .......................................... 80 bytes
• The minimum instruction execution time ........................ 0.5µs (at 8 MHz oscillation frequency)
• Power source voltage .................................................. 5 V ± 10 %
• Power dissipation ............................................................. 165 mW
(at 8 MHz oscillation frequency, VCC=5.5V, at CRT display)
• Subroutine nesting ....................................... 96 levels (maximum)
• Interrupts ....................................................... 13 types, 13 vectors
• 8-bit timers .................................................................................. 4
• Programmable I/O ports (Ports P0, P1, P2, P30–P32) .............. 27
• Input ports (Ports P33, P34) ......................................................... 2
• Output ports (Ports P52–P55) ...................................................... 4
• 12 V withstand ports ....................................................................6
• LED drive ports ........................................................................... 4
• Serial I/O ............................................................ 8-bit ✕ 1 channel
• A-D comparator (6-bit resolution) ................................ 6 channels
• D-A converter (6-bit resolution) ...................................................2
• PWM output circuit ......................................... 14-bit ✕ 1, 8-bit ✕ 6
• CRT display function
  Number of display characters ................ 24 characters ✕ 2 lines  (16 lines maximum)
  Kinds of characters ..................................................... 128 kinds
  Dot structure .......................................................... 12 ✕ 16 dots
  Kinds of character sizes .................................................. 3 kinds
  Kinds of character colors (It can be specified by the character)   maximum 7 kinds (R, G, B)
  Kinds of raster colors (maximum 7 kinds)
  Display position
     Horizontal .................................................................. 64 levels
     Vertical .................................................................... 128 levels
  Bordering (horizontal and vertical)

APPLICATION
TV




Similar Part No. - M37220M3

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37220M3 MITSUBISHI-M37220M3 Datasheet
1Mb / 53P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
M37220M3-010SP MITSUBISHI-M37220M3-010SP Datasheet
1Mb / 53P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
M37220M3-155SP MITSUBISHI-M37220M3-155SP Datasheet
1Mb / 53P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
M37220M3-157SP MITSUBISHI-M37220M3-157SP Datasheet
1Mb / 53P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
M37220M3-160SP MITSUBISHI-M37220M3-160SP Datasheet
1Mb / 53P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
More results


Similar Description - M37220M3

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37103M4 MITSUBISHI-M37103M4 Datasheet
2Mb / 46P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37210M3 MITSUBISHI-M37210M3 Datasheet
764Kb / 59P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
M37221EF MITSUBISHI-M37221EF Datasheet
1Mb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37224M3 MITSUBISHI-M37224M3 Datasheet
901Kb / 83P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37100M8 MITSUBISHI-M37100M8 Datasheet
1Mb / 49P
SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37102M8 MITSUBISHI-M37102M8 Datasheet
1Mb / 51P
SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37221M4H RENESAS-M37221M4H Datasheet
1Mb / 112P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37210M3 RENESAS-M37210M3 Datasheet
1,000Kb / 60P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37221M6 RENESAS-M37221M6_03 Datasheet
1Mb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37224M3 RENESAS-M37224M3 Datasheet
1Mb / 84P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com