Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37220M3 Datasheet (PDF) - Mitsubishi Electric Semiconductor

M37220M3 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M37220M3
Download  M37220M3 Download
File Size   1281.86 Kbytes
Page   53 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?

M37220M3 Datasheet (PDF)

Go To PDF Page Download Datasheet
M37220M3 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M37220M3
Download  M37220M3 Click to download

File Size   1281.86 Kbytes
Page   53 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?

M37220M3 Datasheet (HTML) - Mitsubishi Electric Semiconductor


M37220M3 Product details

DESCRIPTION

The M37220M3-XXXSP is a single-chip microcomputer designed with CMOS silicon gate technology. It is housed in a 42-pin shrink plastic molded DIP. In addition to their simple instruction sets, the ROM, RAM and I/O addresses are placed on the same memory map to enable easy programming. The M37220M3-XXXSP has a PWM output function and a OSD display function, so it is useful for a channel selection system for TV.



FEATURES

• Number of basic instructions ..................................................... 71

• Memory size

ROM ........................................................12 K bytes

RAM ......................................................... 256 bytes

ROM for display......................................... 4 K bytes

RAM for display .......................................... 80 bytes

• The minimum instruction execution time.......................................... 0.5µs (at 8 MHz oscillation frequency)

• Power source voltage .................................................. 5 V ± 10 %

• Power dissipation ............................................................. 165 mW

(at 8 MHz oscillation frequency, VCC=5.5V, at CRT display)

• Subroutine nesting ....................................... 96 levels (maximum)

• Interrupts ....................................................... 13 types, 13 vectors

• 8-bit timers .................................................................................. 4

• Programmable I/O ports (Ports P0, P1, P2, P30–P32) .............. 27

• Input ports (Ports P33, P34) ......................................................... 2

• Output ports (Ports P52–P55) ...................................................... 4

• 12 V withstand ports ....................................................................6

• LED drive ports ........................................................................... 4

• Serial I/O ............................................................ 8-bit ✕ 1 channel

• A-D comparator (6-bit resolution) ................................ 6 channels

• D-A converter (6-bit resolution) ...................................................2

• PWM output circuit ......................................... 14-bit ✕ 1, 8-bit ✕ 6

• CRT display function Number of display characters ................ 24 characters ✕ 2 lines

(16 lines maximum)

Kinds of characters ..................................................... 128 kinds

Dot structure .......................................................... 12 ✕ 16 dots

Kinds of character sizes .................................................. 3 kinds

Kinds of character colors (It can be specified by the character)

maximum 7 kinds (R, G, B)

Kinds of raster colors (maximum 7 kinds)

Display position

Horizontal .................................................................. 64 levels

Vertical .................................................................... 128 levels

Bordering (horizontal and vertical)



APPLICATION

TV




Similar Part No. - M37220M3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37220M3 RENESAS-M37220M3 Datasheet
1Mb / 54P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37220M3-XXXSP RENESAS-M37220M3-XXXSP Datasheet
1Mb / 54P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results


Similar Description - M37220M3

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37103M4 MITSUBISHI-M37103M4 Datasheet
2Mb / 46P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37210M3 MITSUBISHI-M37210M3 Datasheet
764Kb / 59P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
M37221EF MITSUBISHI-M37221EF Datasheet
1Mb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37224M3 MITSUBISHI-M37224M3 Datasheet
901Kb / 83P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37100M8 MITSUBISHI-M37100M8 Datasheet
1Mb / 49P
SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37102M8 MITSUBISHI-M37102M8 Datasheet
1Mb / 51P
SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37221M4H RENESAS-M37221M4H Datasheet
1Mb / 112P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37210M3 RENESAS-M37210M3 Datasheet
1,000Kb / 60P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37221M6 RENESAS-M37221M6_03 Datasheet
1Mb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37224M3 RENESAS-M37224M3 Datasheet
1Mb / 84P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com