Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30622SAFP Datasheet (PDF) - Renesas Technology Corp

M30622SAFP Datasheet PDF - Renesas Technology Corp
Part # M30622SAFP
Download  M30622SAFP Download
File Size   8847.83 Kbytes
Page   615 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES

M30622SAFP Datasheet (PDF)

Go To PDF Page Download Datasheet
M30622SAFP Datasheet PDF - Renesas Technology Corp

Part # M30622SAFP
Download  M30622SAFP Click to download

File Size   8847.83 Kbytes
Page   615 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES

M30622SAFP Datasheet (HTML) - Renesas Technology Corp


M30622SAFP Product details

Description

The M16C/62M (80-pin version) group (low voltage version) of single-chip microcomputers are built using the high-performance silicon gate CMOS process using a M16C/60 Series CPU core and are packaged in a 80-pin plastic molded QFP. These single-chip microcomputers operate using sophisticated instructions featuring a high level of instruction efficiency. With 1M bytes of address space, they are capable of executing instructions at high speed. They also feature a built-in multiplier and DMAC, making them ideal for controlling office, communications, industrial equipment, and other high-speed processing applications. The M16C/62M (80-pin version) group (low voltage version) includes a wide range of products with different internal memory types and sizes and various package types.



Features

• Memory capacity..................................ROM (See Figure 1.1.3. ROM Expansion)

RAM 10K to 20K bytes

• Shortest instruction execution time ......100ns (f(XIN)=10MHZ, VCC=2.7V to 3.6V)

142.9ns (f(XIN)=7MHZ, VCC=2.2V to 3.6V, with software one-wait)

• Supply voltage .....................................2.7V to 3.6V (f(XIN)=10MHZ, without software wait)

2.4V to 2.7V (f(XIN)= 7MHZ, without software wait)

2.2V to 2.4V (f(XIN)= 7MHZ, with software one-wait)

• Low power consumption ......................28.5mW ( f(XIN)=10MHZ, with software one-wait, VCC = 3V)

• Interrupts..............................................25 internal and 5 external interrupt sources, 4 software

interrupt sources; 7 levels (including key input interrupt)

• Multifunction 16-bit timer......................5 output timers + 6 input timers (3 for timer function only)

• Serial I/O ..............................................5 channels (2 for UART or clock synchronous, 1 for UART, 2 for clock synchronous)

• DMAC ..................................................2 channels (trigger: 24 sources)

• A-D converter.......................................10 bits X 8 channels (Expandable up to 10 channels)

• D-A converter.......................................8 bits X 2 channels

• CRC calculation circuit.........................1 circuit

• Watchdog timer....................................1 line

• Programmable I/O ...............................70 lines

• Input port..............................................1 line (P85 shared with NMI pin)

• Clock generating circuit .......................2 built-in clock generation circuits

(built-in feedback resistor, and external ceramic or quartz oscillator)

Note: Memory expansion mode and microprocessor mode are not supported.



Applications

Audio, cameras, office equipment, communications equipment, portable equipment




Similar Part No. - M30622SAFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30622SAFP MITSUBISHI-M30622SAFP Datasheet
3Mb / 274P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Panasonic Semiconductor
M30622SAFP PANASONIC-M30622SAFP Datasheet
584Kb / 22P
M30622SAFP
logo
Mitsubishi Electric Sem...
M30622SAFP MITSUBISHI-M30622SAFP Datasheet
3Mb / 274P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Similar Description - M30622SAFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M16C6N4 RENESAS-M16C6N4 Datasheet
2Mb / 406P
16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
M16C6N5 RENESAS-M16C6N5 Datasheet
2Mb / 400P
16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
M16C6NK RENESAS-M16C6NK Datasheet
2Mb / 404P
16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
M16C6NL RENESAS-M16C6NL Datasheet
2Mb / 388P
16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
M16C26A RENESAS-M16C26A Datasheet
2Mb / 352P
16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/Tiny SERIES
M16C28 RENESAS-M16C28 Datasheet
2Mb / 423P
16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/Tiny SERIES
M16C30P RENESAS-M16C30P_07 Datasheet
3Mb / 317P
16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/30 SERIES
M16C62P RENESAS-M16C62P_06 Datasheet
4Mb / 421P
16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
M16C80 RENESAS-M16C80 Datasheet
3Mb / 358P
RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/80 SERIES
M30245 RENESAS-M30245_06 Datasheet
3Mb / 367P
RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com