| Electronic Components Datasheet Search |
|
M30622SAFP Datasheet(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30622SAFP Datasheet(HTML) 9 Page - Renesas Technology Corp |
|
9 / 615 page ![]() 2.2.3 Operation of Timer A (timer mode, gate function selected) ............................................... 2-14 2.2.4 Operation of Timer A (timer mode, pulse output function selected) .................................. 2-16 2.2.5 Operation of Timer A (event counter mode, reload type selected) .................................... 2-18 2.2.6 Operation of Timer A (event counter mode, free run type selected) .................................. 2-20 2.2.7 Operation of timer A (2-phase pulse signal process in event counter mode, normal mode se- lected) ................................................................................................................................ 2-22 2.2.8 Operation of timer A (2-phase pulse signal process in event counter mode, multiply-by-4 mode selected) ............................................................................................................................ 2-24 2.2.9 Operation of Timer A (one-shot timer mode) ..................................................................... 2-26 2.2.10 Operation of Timer A (one-shot timer mode, external trigger selected) ........................... 2-28 2.2.11 Operation of Timer A (pulse width modulation mode, 16-bit PWM mode selected) ........ 2-30 2.2.12 Operation of Timer A (pulse width modulation mode, 8-bit PWM mode selected) .......... 2-32 2.2.13 Precautions for Timer A (timer mode) .............................................................................. 2-34 2.2.14 Precautions for Timer A (event counter mode) ................................................................ 2-35 2.2.15 Precautions for Timer A (one-shot timer mode) ............................................................... 2-36 2.2.16 Precautions for Timer A (pulse width modulation mode) ................................................. 2-37 2.3 Timer B Usage .......................................................................................................................... 2-38 2.3.1 Overview of the timer B usage ........................................................................................... 2-38 2.3.2 Operation of Timer B (timer mode) .................................................................................... 2-42 2.3.3 Operation of Timer B (event counter mode) ...................................................................... 2-44 2.3.4 Operation of Timer B (pulse period measurement mode) ................................................. 2-46 2.3.5 Operation of Timer B (pulse width measurement mode) ................................................... 2-48 2.3.6 Precautions for Timer B (timer mode, event counter mode) .............................................. 2-50 2.3.7 Precautions for Timer B (pulse period/pulse width measurement mode) ......................... 2-51 2.4 Clock-Synchronous Serial I/O Usage ....................................................................................... 2-52 2.4.1 Overview of the clock-synchronous serial I/O usage ......................................................... 2-52 2.4.2 Operation of Serial I/O (transmission in clock-synchronous serial I/O mode) ................... 2-60 2.4.3 Operation of the Serial I/O (transmission in clock-synchronous serial I/O mode, transfer clock output from multiple pins function selected) ...................................................................... 2-64 2.4.4 Operation of Serial I/O (reception in clock-synchronous serial I/O mode) ......................... 2-68 2.4.5 Precautions for Serial I/O (in clock-synchronous serial I/O) .............................................. 2-72 2.5 Clock-Asynchronous Serial I/O (UART) Usage ........................................................................ 2-74 2.5.1 Overview of the clock-asynchronous serial I/O usage ....................................................... 2-74 2.5.2 Operation of Serial I/O (transmission in UART mode) ....................................................... 2-84 2.5.3 Operation of Serial I/O (reception in UART mode) ............................................................ 2-88 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |