Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30622SAFP Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # M30622SAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30622SAFP Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button M30622SAFP Datasheet HTML 69Page - Renesas Technology Corp M30622SAFP Datasheet HTML 70Page - Renesas Technology Corp M30622SAFP Datasheet HTML 71Page - Renesas Technology Corp M30622SAFP Datasheet HTML 72Page - Renesas Technology Corp M30622SAFP Datasheet HTML 73Page - Renesas Technology Corp M30622SAFP Datasheet HTML 74Page - Renesas Technology Corp M30622SAFP Datasheet HTML 75Page - Renesas Technology Corp M30622SAFP Datasheet HTML 76Page - Renesas Technology Corp M30622SAFP Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Interrupt
1-54
Example 1:
INT_SWITCH1:
FCLR
I
; Disable interrupts.
AND.B
#00h, 0055h
; Clear TA0IC int. priority level and int. request bit.
NOP
; Four NOP instructions are required when using HOLD function.
NOP
FSET
I
; Enable interrupts.
Example 2:
INT_SWITCH2:
FCLR
I
; Disable interrupts.
AND.B
#00h, 0055h
; Clear TA0IC int. priority level and int. request bit.
MOV.W MEM, R0
; Dummy read.
FSET
I
; Enable interrupts.
Example 3:
INT_SWITCH3:
PUSHC FLG
; Push Flag register onto stack
FCLR
I
; Disable interrupts.
AND.B
#00h, 0055h
; Clear TA0IC int. priority level and int. request bit.
POPC
FLG
; Enable interrupts.
The reason why two NOP instructions (four when using the HOLD function) or dummy read are inserted
before FSET I in Examples 1 and 2 is to prevent the interrupt enable flag I from being set before the
interrupt control register is rewritten due to effects of the instruction queue.
Rewrite the interrupt control register
To rewrite the interrupt control register, do so at a point that does not generate the interrupt request for
that register. If there is possibility of the interrupt request occur, rewrite the interrupt control register after
the interrupt is disabled. The program examples are described as follow:
When a instruction to rewrite the interrupt control register is executed but the interrupt is disabled, the
interrupt request bit is not set sometimes even if the interrupt request for that register has been gener-
ated. This will depend on the instruction. If this creates problems, use the below instructions to change
the register.
Instructions : AND, OR, BCLR, BSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com