Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60EPU06 Datasheet (PDF) - Vishay Siliconix

60EPU06 Datasheet PDF - Vishay Siliconix
Part # 60EPU06
Download  60EPU06 Download
File Size   111.65 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Soft Recovery Diode, 60 A FRED PtTM

60EPU06 Datasheet (PDF)

Go To PDF Page Download Datasheet
60EPU06 Datasheet PDF - Vishay Siliconix

Part # 60EPU06
Download  60EPU06 Click to download

File Size   111.65 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Soft Recovery Diode, 60 A FRED PtTM

60EPU06 Datasheet (HTML) - Vishay Siliconix


60EPU06 Product details

DESCRIPTION/APPLICATIONS
These diodes are optimized to reduce losses and EMI/RFI in high frequency power conditioning systems.
The softness of the recovery eliminates the need for a snubber in most applications. These devices are ideally suited for HF welding, power converters and other applications where switching losses are not significant portion of the total losses.

FEATURES
• Ultrafast recovery
• 175 °C operating junction temperature
• Designed and qualified for industrial level

BENEFITS
• Reduced RFI and EMI
• Higher frequency operation
• Reduced snubbing
• Reduced parts count




Similar Part No. - 60EPU06

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60EPU06 IRF-60EPU06 Datasheet
200Kb / 7P
ULTRAFAST SOFT RECOVERY DIODE
60EPU06 IRF-60EPU06 Datasheet
215Kb / 8P
Ultrafast Soft Recovery Diode
logo
Thinki Semiconductor Co...
60EPU06 THINKISEMI-60EPU06 Datasheet
2Mb / 3P
60.0 Amperes,600Volts SwitchMode Single Fast Recovery Epitaxial Diode
logo
Inchange Semiconductor ...
60EPU06 ISC-60EPU06 Datasheet
283Kb / 2P
Ultrafast Recovery Diode
logo
Vishay Siliconix
60EPU06-N3 VISHAY-60EPU06-N3 Datasheet
206Kb / 9P
Ultrafast Soft Recovery Diode, 60 A FRED Pt®
15-Aug-11
More results


Similar Description - 60EPU06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
60EPU02 VISHAY-60EPU02 Datasheet
138Kb / 7P
Ultrafast Soft Recovery Diode, 60 A FRED PtTM
02-Jun-08
60EPU02PBF VISHAY-60EPU02PBF Datasheet
135Kb / 7P
Ultrafast Soft Recovery Diode, 60 A FRED PtTM
07-Apr-08
60EPU04 VISHAY-60EPU04 Datasheet
117Kb / 7P
Ultrafast Soft Recovery Diode, 60 A FRED PtTM
02-Jun-08
60EPU04PBF VISHAY-60EPU04PBF Datasheet
111Kb / 7P
Ultrafast Soft Recovery Diode, 60 A FRED PtTM
07-Apr-08
60EPU06PBF VISHAY-60EPU06PBF Datasheet
119Kb / 7P
Ultrafast Soft Recovery Diode, 60 A FRED PtTM
07-Apr-08
80EBU02 VISHAY-80EBU02 Datasheet
117Kb / 7P
Ultrafast Soft Recovery Diode, 80 A FRED PtTM
30-Oct-08
80EBU04 VISHAY-80EBU04 Datasheet
117Kb / 7P
Ultrafast Soft Recovery Diode, 80 A FRED PTTM
30-Oct-08
150EBU02 VISHAY-150EBU02 Datasheet
113Kb / 7P
Ultrafast Soft Recovery Diode, 150 A FRED PtTM
30-Oct-08
150EBU04 VISHAY-150EBU04 Datasheet
113Kb / 7P
Ultrafast Soft Recovery Diode, 150 A FRED PtTM
30-Oct-08
logo
Nell Semiconductor Co.,...
N-60EPU06 NELLSEMI-N-60EPU06 Datasheet
2Mb / 6P
FRED Ultrafast Soft Recovery Diode, 60 A
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com