Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

150EBU04 Datasheet (PDF) - Vishay Siliconix

150EBU04 Datasheet PDF - Vishay Siliconix
Part # 150EBU04
Download  150EBU04 Download
File Size   113.48 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Soft Recovery Diode, 150 A FRED PtTM

150EBU04 Datasheet (PDF)

Go To PDF Page Download Datasheet
150EBU04 Datasheet PDF - Vishay Siliconix

Part # 150EBU04
Download  150EBU04 Click to download

File Size   113.48 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Soft Recovery Diode, 150 A FRED PtTM

150EBU04 Datasheet (HTML) - Vishay Siliconix


150EBU04 Product details

DESCRIPTION/APPLICATIONS

These diodes are optimized to reduce losses and EMI/RFI in high frequency power conditioning systems.

The softness of the recovery eliminates the need for a snubber in most applications. These devices are ideally suited for HF welding, power converters and other applications where switching losses are not significant portion of the total losses.



FEATURES

• Ultrafast recovery

• 175 °C operating junction temperature

• Screw mounting only

• Lead (Pb)-free plating

• Designed and qualified for industrial level



BENEFITS

• Reduced RFI and EMI

• Higher frequency operation

• Reduced snubbing

• Reduced parts count



 




Similar Part No. - 150EBU04

ManufacturerPart #DatasheetDescription
logo
International Rectifier
150EBU04 IRF-150EBU04 Datasheet
150Kb / 6P
Ultrafast Soft Recovery Diode
logo
Vishay Siliconix
150EBU04 VISHAY-150EBU04 Datasheet
134Kb / 8P
Ultrafast Soft Recovery Diode, 150 A FRED Pt
16-Jun-11
150EBU04 VISHAY-150EBU04_11 Datasheet
134Kb / 8P
Ultrafast Soft Recovery Diode, 150 A FRED Pt
16-Jun-11
More results


Similar Description - 150EBU04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
60EPU02 VISHAY-60EPU02 Datasheet
138Kb / 7P
Ultrafast Soft Recovery Diode, 60 A FRED PtTM
02-Jun-08
60EPU02PBF VISHAY-60EPU02PBF Datasheet
135Kb / 7P
Ultrafast Soft Recovery Diode, 60 A FRED PtTM
07-Apr-08
60EPU04 VISHAY-60EPU04 Datasheet
117Kb / 7P
Ultrafast Soft Recovery Diode, 60 A FRED PtTM
02-Jun-08
60EPU04PBF VISHAY-60EPU04PBF Datasheet
111Kb / 7P
Ultrafast Soft Recovery Diode, 60 A FRED PtTM
07-Apr-08
60EPU06 VISHAY-60EPU06 Datasheet
111Kb / 7P
Ultrafast Soft Recovery Diode, 60 A FRED PtTM
02-Jun-08
60EPU06PBF VISHAY-60EPU06PBF Datasheet
119Kb / 7P
Ultrafast Soft Recovery Diode, 60 A FRED PtTM
07-Apr-08
80EBU02 VISHAY-80EBU02 Datasheet
117Kb / 7P
Ultrafast Soft Recovery Diode, 80 A FRED PtTM
30-Oct-08
80EBU04 VISHAY-80EBU04 Datasheet
117Kb / 7P
Ultrafast Soft Recovery Diode, 80 A FRED PTTM
30-Oct-08
150EBU02 VISHAY-150EBU02 Datasheet
113Kb / 7P
Ultrafast Soft Recovery Diode, 150 A FRED PtTM
30-Oct-08
150EBU02 VISHAY-150EBU02_11 Datasheet
134Kb / 8P
Ultrafast Soft Recovery Diode, 150 A FRED Pt®
15-Jun-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com