Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST173SPBF Datasheet (PDF) - Vishay Siliconix

ST173SPBF Datasheet PDF - Vishay Siliconix
Part # ST173SPBF
Download  ST173SPBF Download

File Size   152.41 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Inverter Grade Thyristors (Stud Version), 175 A

ST173SPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
ST173SPBF Datasheet PDF - Vishay Siliconix

Part # ST173SPBF
Download  ST173SPBF Click to download

File Size   152.41 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Inverter Grade Thyristors (Stud Version), 175 A

ST173SPBF Datasheet (HTML) - Vishay Siliconix

ST173SPBF Datasheet HTML 1Page - Vishay Siliconix ST173SPBF Datasheet HTML 2Page - Vishay Siliconix ST173SPBF Datasheet HTML 3Page - Vishay Siliconix ST173SPBF Datasheet HTML 4Page - Vishay Siliconix ST173SPBF Datasheet HTML 5Page - Vishay Siliconix ST173SPBF Datasheet HTML 6Page - Vishay Siliconix ST173SPBF Datasheet HTML 7Page - Vishay Siliconix ST173SPBF Datasheet HTML 8Page - Vishay Siliconix ST173SPBF Datasheet HTML 9Page - Vishay Siliconix



Similar Part No. - ST173SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST173S IRF-ST173S Datasheet
407Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
More results


Similar Description - ST173SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ST173S VISHAY-VS-ST173S Datasheet
1Mb / 11P
   Inverter Grade Thyristors (Stud Version), 175 A
Revision: 11-Mar-14
VS-ST173S VISHAY-VS-ST173S_V01 Datasheet
204Kb / 11P
   Inverter Grade Thyristors (Stud Version), 175 A
01-Jan-2022
logo
International Rectifier
ST083S IRF-ST083S Datasheet
343Kb / 9P
   INVERTER GRADE THYRISTORS Stud Version
ST103S IRF-ST103S Datasheet
351Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
logo
Vishay Siliconix
ST303SPBF VISHAY-ST303SPBF Datasheet
299Kb / 9P
   Inverter Grade Thyristors (Stud Version), 300 A
Revision: 30-Apr-08
VS-ST083SP VISHAY-VS-ST083SP Datasheet
207Kb / 10P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 06-Feb-17
logo
International Rectifier
ST173S IRF-ST173S Datasheet
407Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST183S IRF-ST183S Datasheet
398Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST203S IRF-ST203S Datasheet
361Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST223S IRF-ST223S Datasheet
444Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com