Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST173SPBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ST173SPBF
Description  Inverter Grade Thyristors (Stud Version), 175 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST173SPBF Datasheet(HTML) 3 Page - Vishay Siliconix

  ST173SPBF Datasheet HTML 1Page - Vishay Siliconix ST173SPBF Datasheet HTML 2Page - Vishay Siliconix ST173SPBF Datasheet HTML 3Page - Vishay Siliconix ST173SPBF Datasheet HTML 4Page - Vishay Siliconix ST173SPBF Datasheet HTML 5Page - Vishay Siliconix ST173SPBF Datasheet HTML 6Page - Vishay Siliconix ST173SPBF Datasheet HTML 7Page - Vishay Siliconix ST173SPBF Datasheet HTML 8Page - Vishay Siliconix ST173SPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 94367
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 29-Apr-08
3
ST173SPbF Series
Inverter Grade Thyristors
(Stud Version), 175 A
Vishay High Power Products
Note
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum critical rate of rise of off-state voltage
dV/dt
TJ = TJ maximum, linear to 80 % VDRM,
higher value available on request
500
V/µs
Maximum peak reverse and off-state leakage current
IRRM,
IDRM
TJ = TJ maximum, rated VDRM/VRRM applied
40
mA
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum peak gate power
PGM
TJ = TJ maximum, f = 50 Hz, d% = 50
60
W
Maximum average gate power
PG(AV)
10
Maximum peak positive gate current
IGM
TJ = TJ maximum, tp ≤ 5 ms
10
A
Maximum peak positive gate voltage
+ VGM
20
V
Maximum peak negative gate voltage
- VGM
5
Maximum DC gate currrent required to trigger
IGT
TJ = 25 °C, VA = 12 V, Ra = 6 Ω
200
mA
Maximum DC gate voltage required to trigger
VGT
3V
Maximum DC gate current not to trigger
IGD
TJ = TJ maximum, rated VDRM applied
20
mA
Maximum DC gate voltage not to trigger
VGD
0.25
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating temperature range
TJ
- 40 to 125
°C
Maximum storage temperature range
TStg
- 40 to 150
Maximum thermal resistance, junction to case
RthJC
DC operation
0.105
K/W
Maximum thermal resistance, case to heatsink
RthCS
Mounting surface, smooth, flat and greased
0.04
Mounting torque, ± 10 %
Non-lubricated threads
31
(275)
N · m
(lbf · in)
Lubricated threads
24.5
(210)
Approximate weight
280
g
Case style
See dimensions - link at the end of datasheet
TO-209AB (TO-93)
ΔR
thJC CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL
CONDUCTION
RECTANGULAR
CONDUCTION
TEST CONDITIONS
UNITS
180°
0.016
0.012
TJ = TJ maximum
K/W
120°
0.019
0.020
90°
0.025
0.027
60°
0.036
0.037
30°
0.060
0.060



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com