Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33T1 Datasheet (PDF) - Transcom, Inc.

33T1 Datasheet PDF - Transcom, Inc.
Part # 33T1
Download  33T1 Download
File Size   87.81 Kbytes
Page   3 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 2.4 GHz 1W MMIC

33T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
33T1 Datasheet PDF - Transcom, Inc.

Part # 33T1
Download  33T1 Click to download

File Size   87.81 Kbytes
Page   3 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 2.4 GHz 1W MMIC

33T1 Datasheet (HTML) - Transcom, Inc.


33T1 Product details

DESCRIPTION
The TC3133 is a 2 stage PHEMT MMIC power amplifier. It is designed for use in low cost and high volume 2.4-2.5 GHz ISM band applications. The MMIC provides a typical gain of 24 dB and saturation power of more than 31 dBm. Typical bias condition is 5V at 600 mA. The MMIC is packaged in a standard SO-8 power package. The copper based carrier of the package allows direct soldering of the device to the PCB for proper heat sinking. The input and output matching of the MMIC require external components.

FEATURES
• P-1 dB: 31 dBm
• Small Signal Gain: 24 dB
• Power Added Efficiency: 30 %
• IP3: 39 dBm
• Bias Condition: 600 mA @ 5 V




Similar Part No. - 33T1

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
33TNC-N-Q50-4-133 FAIRVIEW-33TNC-N-Q50-4-133 Datasheet
705Kb / 4P
N Female to TNC Male QD Adapter
REV 1.2
More results


Similar Description - 33T1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC3151 ETC-TC3151 Datasheet
108Kb / 3P
2.4 GHz 2W MMIC
TC3538 ETC1-TC3538 Datasheet
147Kb / 4P
5-6 GHz 1W MMIC
TC3339 ETC1-TC3339 Datasheet
255Kb / 4P
2.9 - 3.7 GHz 1W MMIC
logo
Transcom, Inc.
TC4535 TRANSCOM-TC4535 Datasheet
97Kb / 3P
13.75 - 14.5 GHz 1W MMIC
TC3131 TRANSCOM-TC3131 Datasheet
103Kb / 4P
2.4 GHz 1W MMIC
TC3139 TRANSCOM-TC3139 Datasheet
191Kb / 4P
2.3 - 2.5 GHz 1W MMIC
TC3141 TRANSCOM-TC3141 Datasheet
89Kb / 3P
2.4 GHz 2W MMIC
TC3531 TRANSCOM-TC3531 Datasheet
83Kb / 3P
5.8 GHz 1W MMIC
TC3331 TRANSCOM-TC3331 Datasheet
167Kb / 3P
3.3 - 3.7 GHz 1W MMIC
TC3339 TRANSCOM-TC3339 Datasheet
257Kb / 4P
2.9 - 3.7 GHz 1W MMIC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com