Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT-41535 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

AT-41535 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # AT-41535
Download  AT-41535 Download
File Size   136.54 Kbytes
Page   5 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Up to 6 GHz Low Noise Silicon Bipolar Transistor

AT-41535 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-41535 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # AT-41535
Download  AT-41535 Click to download

File Size   136.54 Kbytes
Page   5 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Up to 6 GHz Low Noise Silicon Bipolar Transistor

AT-41535 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


AT-41535 Product details

Description/Applications

The AT-41535 of Avago Techologies is a general purpose NPN bipolar transistor that offers excellent high frequency performance. The AT-41535 is house in a cost effective surface mount 100 mil micro-X package. The 4 micron emitter-to-emitter pitch enables this transistor to be used in many different functions. The 15 emitter fngers interdigitated geometry yields an intermediate sized transistor with impedances that are easy to match for low noise and moderate power applications. This device is designed for use in low noise, wideband amplifer, mixer and oscillator applications in the VHF, UHF, and microwave frequencies. An optimum noise match near 50 ??at 1GHz, makes this device easy to use as a low noise amplifer.

The AT-41535 bipolar transistor is fabricated using Avago Technologies’ 10 GHz fT Self-Aligned-Transistor (SAT) process. The die is nitride passivated for surface protection. Excellent device uniformity, performance and reliability are produced by the use of ion implantation, self-alignment techniques, and gold metallization in the fabrication of this device.



Features

• Low Noise Figure :

   - 1.7 dB typical at 2.0 GHz

   - 3.0 dB typical at 4.0 GHz

• High Associated Gain

   - 14.0 dB typical at 2.0GHz

   - 10.0 dB typical at 4.0 GHz

• High Gain-Bandwidth Product

   - 8.0 GHz typical fT

• Cost Effective Ceramic Micro-strip Package



 




Similar Part No. - AT-41535

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AT-41532 AVAGO-AT-41532 Datasheet
1Mb / 14P
General Purpose, Low Current NPN Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-41532-BLK HP-AT-41532-BLK Datasheet
146Kb / 14P
NPN SILICON TRANSISTOR
logo
AVAGO TECHNOLOGIES LIMI...
AT-41532-BLK AVAGO-AT-41532-BLK Datasheet
1Mb / 14P
General Purpose, Low Current NPN Silicon Bipolar Transistor
AT-41532-BLKG AVAGO-AT-41532-BLKG Datasheet
1Mb / 14P
General Purpose, Low Current NPN Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-41532-TR1 HP-AT-41532-TR1 Datasheet
146Kb / 14P
NPN SILICON TRANSISTOR
More results


Similar Description - AT-41535

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-41410 HP-AT-41410 Datasheet
55Kb / 5P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT-41435 HP-AT-41435 Datasheet
56Kb / 5P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT-41470 HP-AT-41470 Datasheet
55Kb / 5P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT-41485 HP-AT-41485 Datasheet
54Kb / 5P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT-41486 HP-AT-41486 Datasheet
59Kb / 5P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT41485 HP-AT41485 Datasheet
44Kb / 6P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-41435G AVAGO-AT-41435G Datasheet
153Kb / 5P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT-41486 AVAGO-AT-41486 Datasheet
104Kb / 5P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
logo
Teledyne Technologies I...
PHT41410B TELEDYNE-PHT41410B Datasheet
142Kb / 2P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
PHT41435B TELEDYNE-PHT41435B Datasheet
108Kb / 2P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com