Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT-41435G Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

AT-41435G Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # AT-41435G
Download  AT-41435G Download
File Size   153.0 Kbytes
Page   5 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Up to 6 GHz Low Noise Silicon Bipolar Transistor

AT-41435G Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-41435G Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # AT-41435G
Download  AT-41435G Click to download

File Size   153.0 Kbytes
Page   5 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Up to 6 GHz Low Noise Silicon Bipolar Transistor

AT-41435G Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


AT-41435G Product details

Description

Avago’s AT-41435 is a general purpose NPN bipolar transistor that offers excellent high frequency performance. The AT-41435 is housed in a cost effective surface mount 100 mil micro-X package. The 4 micron emitter-to-emitter pitch enables this transistor to be used in many different functions. The 14 emitter fnger interdigitated geometry yields an intermediate sized transistor with impedances that are easy to match for low noise and moderate power applications. This device is designed for use in low noise, wideband amplifer, mixer and oscillator applications in the VHF, UHF, and microwave frequencies. An optimum noise match near 50Ω at 1 GHz, makes this device easy to use as a low noise amplifer.

The AT-41435 bipolar transistor is fabricated using Avago’s 10 GHz fT Self-Aligned-Transistor (SAT) process. The die is nitride passivated for surface protection. Excellent device uniformity, performance and reliability are produced by the use of ion-implantation, self-alignment techniques, and gold metalization in the fabrication of this device.



Features

• Low Noise Figure:

   1.7 dB Typical at 2.0 GHz

   3.0 dB Typical at 4.0 GHz

• High Associated Gain:

   14.0 dB Typical at 2.0 GHz

   10.0 dB Typical at 4.0 GHz

• High Gain-Bandwidth Product: 8.0 GHz Typical fT

• Cost Effective Ceramic Microstrip Package



 




Similar Part No. - AT-41435G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-41435 HP-AT-41435 Datasheet
56Kb / 5P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
More results


Similar Description - AT-41435G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-41410 HP-AT-41410 Datasheet
55Kb / 5P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT-41435 HP-AT-41435 Datasheet
56Kb / 5P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT-41470 HP-AT-41470 Datasheet
55Kb / 5P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT-41485 HP-AT-41485 Datasheet
54Kb / 5P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT-41486 HP-AT-41486 Datasheet
59Kb / 5P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT41485 HP-AT41485 Datasheet
44Kb / 6P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-41535 AVAGO-AT-41535 Datasheet
136Kb / 5P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT-41486 AVAGO-AT-41486 Datasheet
104Kb / 5P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
logo
Teledyne Technologies I...
PHT41410B TELEDYNE-PHT41410B Datasheet
142Kb / 2P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
PHT41435B TELEDYNE-PHT41435B Datasheet
108Kb / 2P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com