Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT14-099 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

BAT14-099 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # BAT14-099
Download  BAT14-099 Download
File Size   36.78 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description Silicon Dual Schottky Diode

BAT14-099 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAT14-099 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # BAT14-099
Download  BAT14-099 Click to download

File Size   36.78 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description Silicon Dual Schottky Diode

BAT14-099 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


BAT14-099 Product details

Features

DBS mixer application to 12 GHz

Low noise figure

Medium barrier type



 




Similar Part No. - BAT14-099

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT14-099 SIEMENS-BAT14-099 Datasheet
79Kb / 4P
Silicon Dual Schottky Diode (DBS mixer application to 12 GHz Low noise figure Medium barrier type)
BAT14-099R SIEMENS-BAT14-099R Datasheet
46Kb / 2P
Silicon Crossover Ring Quad Schottky Diode
More results


Similar Description - BAT14-099

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
8920 ALLEGRO-8920 Datasheet
39Kb / 2P
DUAL SCHOTTKY DIODE
logo
Texas Instruments
UC3612 TI-UC3612 Datasheet
84Kb / 3P
Dual Schottky Diode
logo
Seme LAB
SML10SIC06YFIC SEME-LAB-SML10SIC06YFIC Datasheet
373Kb / 2P
DUAL SILICON CARBIDE (SiC) SCHOTTKY DIODE
logo
Texas Instruments
UA1612 TI1-UA1612 Datasheet
103Kb / 4P
Dual Schottky Diode
logo
Comchip Technology
CDBGBSC20650-G COMCHIP-CDBGBSC20650-G Datasheet
76Kb / 2P
Dual Silicon Carbide Power Schottky Diode
CDBGBSC101200-G COMCHIP-CDBGBSC101200-G Datasheet
74Kb / 2P
Dual Silicon Carbide Power Schottky Diode
CDBGBSC201200-G COMCHIP-CDBGBSC201200-G Datasheet
75Kb / 2P
Dual Silicon Carbide Power Schottky Diode
logo
Solitron Devices Inc.
SDD10120AD SOLITRON-SDD10120AD Datasheet
128Kb / 3P
Dual 1200V Silicon Carbide Schottky Diode - 1
SDD50065SHD SOLITRON-SDD50065SHD Datasheet
171Kb / 3P
Dual 650V Silicon Carbide Schottky Diode - 1
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com