Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U2352 Datasheet (PDF) - TEMIC Semiconductors

U2352 Datasheet PDF - TEMIC Semiconductors
Part # U2352
Download  U2352 Download
File Size   110.28 Kbytes
Page   8 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description PWM Power Control for DC Loads

U2352 Datasheet (PDF)

Go To PDF Page Download Datasheet
U2352 Datasheet PDF - TEMIC Semiconductors

Part # U2352
Download  U2352 Click to download

File Size   110.28 Kbytes
Page   8 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description PWM Power Control for DC Loads

U2352 Datasheet (HTML) - TEMIC Semiconductors


U2352 Product details

Description

The U2352B bipolar circuit is a PWM device for controlling logic level Power MOSFETs and IGBTs. It allows simple power control for dc loads. Integrated load current monitoring with adjustable switch-off threshold also gives the option of measuring the load current via the MOS transistor’s on-state resistance, RDS(on), or via a shunt resistor.



Special Features

Pulse width control up to 50 kHz clock frequency

Load current monitoring via the on-state resistance, RDS(on), of the FET or via shunt resistor (optional)

100 mA push-pull output stage

Voltage monitoring

Temperature-compensated supply voltage limitation

Chip temperature monitoring



Applications

Battery-operated screwdrivers

Battery-operated machine tools

Halogen lamp controllers

Dimmers

Electronic fuses

High-performance clock generators



Package: DIP8, SO8




Similar Part No. - U2352

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U2352A KEYSIGHT-U2352A Datasheet
2Mb / 25P
USB Modular Multifunction Data Acquisition Devices
More results


Similar Description - U2352

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS630 SIEMENS-BTS630 Datasheet
133Kb / 8P
PWM Power Unit (The device allows continuous power control for lamps,LEDs or inductive loads.)
BTS730 SIEMENS-BTS730 Datasheet
49Kb / 7P
PWM Power Unit (The device allows continuous power control for lamps,LEDs or inductive loads.)
logo
Torex Semiconductor
XC9106 TOREX-XC9106 Datasheet
109Kb / 8P
PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters
XC910607 TOREX-XC910607 Datasheet
81Kb / 7P
PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters
logo
TEMIC Semiconductors
U2350B TEMIC-U2350B Datasheet
118Kb / 9P
PWM Speed Control for Permanent Excited DC Motors
logo
STMicroelectronics
AN308 STMICROELECTRONICS-AN308 Datasheet
147Kb / 16P
TRIAC analog control circuits for inductive loads
16-Sep-2008
logo
Rohm
BD7672BG ROHM-BD7672BG Datasheet
956Kb / 21P
PWM Control Type DC/DC Converter IC for AC/DC Driver
BD7673AG ROHM-BD7673AG Datasheet
969Kb / 21P
PWM Control Type DC/DC Converter IC for AC/DC Driver
logo
Shenzhen Huazhimei Semi...
HM1308 HMSEMI-HM1308 Datasheet
584Kb / 6P
PWM control DC-DC boost controller
logo
Dialog Semiconductor
CCU2350 DIALOG-CCU2350 Datasheet
362Kb / 11P
PWM Speed Control for Permanent Excited DC Motors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com