Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS630 Datasheet (PDF) - Siemens Semiconductor Group

BTS630 Datasheet PDF - Siemens Semiconductor Group
Part # BTS630
Download  BTS630 Download
File Size   133.78 Kbytes
Page   8 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PWM Power Unit (The device allows continuous power control for lamps,LEDs or inductive loads.)

BTS630 Datasheet (PDF)

Go To PDF Page Download Datasheet
BTS630 Datasheet PDF - Siemens Semiconductor Group

Part # BTS630
Download  BTS630 Click to download

File Size   133.78 Kbytes
Page   8 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PWM Power Unit (The device allows continuous power control for lamps,LEDs or inductive loads.)

BTS630 Datasheet (HTML) - Siemens Semiconductor Group


BTS630 Product details

PWM Power Unit

The device allows continuous power control for lamps,LEDs or inductive loads.

• Highside switch
• Overtemperatur protection
• Short circuit / overload protection through pulse widt reduction and overload shutdown
• Load dump protection
• Undervoltage and overvoltage shutdown with auto-restart and hysteresis
• Reverse battery protection 1)
• Timing frequency adjustable
• Controlled switching rise and fall times
• Maximum current internally limited
• Protection against loss of GND 2)
• Electrostatic discharge (ESD) protection
• Package: TO220/7 and TO220/7 E3128 (SMD), Pin 4 is shorted to the mounting flange




Similar Part No. - BTS630

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTS6302U NXP-BTS6302U Datasheet
841Kb / 19P
Wideband high linearity pre-driver amplifier
Rev. 10 ??19 October 2021
BTS6302U NXP-BTS6302U Datasheet
849Kb / 19P
Wideband high linearity pre-driver amplifier
Rev. 11 - 5 September 2022
BTS6302UJ NXP-BTS6302UJ Datasheet
841Kb / 19P
Wideband high linearity pre-driver amplifier
Rev. 10 ??19 October 2021
BTS6302UJ NXP-BTS6302UJ Datasheet
849Kb / 19P
Wideband high linearity pre-driver amplifier
Rev. 11 - 5 September 2022
BTS6302U NXP-BTS6302U_V01 Datasheet
849Kb / 19P
Wideband high linearity pre-driver amplifier
Rev. 11 - 5 September 2022
More results


Similar Description - BTS630

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2352B TEMIC-U2352B Datasheet
110Kb / 8P
PWM Power Control for DC Loads
logo
Siemens Semiconductor G...
BTS730 SIEMENS-BTS730 Datasheet
49Kb / 7P
PWM Power Unit (The device allows continuous power control for lamps,LEDs or inductive loads.)
logo
Infineon Technologies A...
BTS730 INFINEON-BTS730 Datasheet
135Kb / 7P
PWM Power Unit
2003-Oct-01
logo
List of Unclassifed Man...
MLX10402 ETC1-MLX10402 Datasheet
36Kb / 3P
The IC drives directly small DC inductive or active loads like electric motors, lamps, etc
logo
Reed Relays and Electro...
IL-2022-L RRE-IL-2022-L Datasheet
101Kb / 1P
Reed Switch for Inductive Loads
logo
Texas Instruments
ADS8568EVM-PDK TI1-ADS8568EVM-PDK Datasheet
5Mb / 23P
The ADS8568EVM allows evaluation of all aspects of the ADS8568 device.
logo
STMicroelectronics
AN308 STMICROELECTRONICS-AN308 Datasheet
147Kb / 16P
TRIAC analog control circuits for inductive loads
16-Sep-2008
logo
Wurth Elektronik GmbH &...
173010542 WURTH-173010542 Datasheet
1Mb / 24P
Continuous output power: 3.3W or 5W
logo
Omron Electronics LLC
C4V OMRON-C4V Datasheet
158Kb / 4P
Miniature Power Switch allows 8A Loads Switching
logo
Shenzhen Huazhimei Semi...
HM2711 HMSEMI-HM2711 Datasheet
1Mb / 10P
High-performance low-cost PWM control power device
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com