Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ492 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

2SJ492 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # 2SJ492
Download  2SJ492 Download
File Size   50.84 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description MOS Field Effect Transistor

2SJ492 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SJ492 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # 2SJ492
Download  2SJ492 Click to download

File Size   50.84 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description MOS Field Effect Transistor

2SJ492 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


2SJ492 Product details

Features
Low on-state resistance
  RDS(on)1 = 100 mΩ (MAX.) (VGS = -10 V, ID = -10 A)
  RDS(on)2 = 185 mΩ (MAX.) (VGS =-4 V, ID =-10 A)
Low Ciss: Ciss = 1210 pF (TYP.)
Built-in gate protection diode




Similar Part No. - 2SJ492

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ492 NEC-2SJ492 Datasheet
72Kb / 8P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Renesas Technology Corp
2SJ492 RENESAS-2SJ492 Datasheet
302Kb / 10P
MOS FIELD EFFECT TRANSISTOR
1998
logo
NEC
2SJ492-S NEC-2SJ492-S Datasheet
72Kb / 8P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Renesas Technology Corp
2SJ492-S RENESAS-2SJ492-S Datasheet
302Kb / 10P
MOS FIELD EFFECT TRANSISTOR
1998
logo
NEC
2SJ492-ZJ NEC-2SJ492-ZJ Datasheet
72Kb / 8P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Similar Description - 2SJ492

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3113B NEC-2SK3113B Datasheet
202Kb / 8P
MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
MOS FIELD EFFECT TRANSISTOR
NP83P06PDG NEC-NP83P06PDG Datasheet
190Kb / 7P
MOS FIELD EFFECT TRANSISTOR
NP100P04PDG NEC-NP100P04PDG Datasheet
190Kb / 7P
MOS FIELD EFFECT TRANSISTOR
logo
Guangdong Kexin Industr...
KPA1790 KEXIN-KPA1790 Datasheet
58Kb / 2P
MOS Field Effect Transistor
KPA2790GR KEXIN-KPA2790GR Datasheet
58Kb / 2P
MOS Field Effect Transistor
2SK3919 KEXIN-2SK3919 Datasheet
45Kb / 1P
MOS Field Effect Transistor
2SK3635 KEXIN-2SK3635 Datasheet
46Kb / 1P
MOS Field Effect Transistor
2SJ598 KEXIN-2SJ598 Datasheet
49Kb / 2P
MOS Field Effect Transistor
KPA1750 KEXIN-KPA1750 Datasheet
52Kb / 2P
MOS Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com