Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ603 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

2SJ603 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # 2SJ603
Download  2SJ603 Download
File Size   49.7 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description MOS Field Effect Transistor

2SJ603 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SJ603 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # 2SJ603
Download  2SJ603 Click to download

File Size   49.7 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description MOS Field Effect Transistor

2SJ603 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


2SJ603 Product details

Features
● Low on-resistance
   RDS(on)1 = 48 m MAX. (VGS =-10 V, ID = -13A)
   RDS(on)2 = 75m MAX. (VGS = -4.0 V, ID =-13 A)
● Low Ciss: Ciss = 1900 pF TYP.
● Built-in gate protection diode




Similar Part No. - 2SJ603

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
2SJ603 RENESAS-2SJ603 Datasheet
215Kb / 10P
MOS FIELD EFFECT TRANSISTOR
2001
logo
NEC
2SJ603-S NEC-2SJ603-S Datasheet
79Kb / 8P
MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
2SJ603-S RENESAS-2SJ603-S Datasheet
215Kb / 10P
MOS FIELD EFFECT TRANSISTOR
2001
logo
NEC
2SJ603-Z NEC-2SJ603-Z Datasheet
79Kb / 8P
MOS FIELD EFFECT TRANSISTOR
More results


Similar Description - 2SJ603

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3113B NEC-2SK3113B Datasheet
202Kb / 8P
MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
MOS FIELD EFFECT TRANSISTOR
NP83P06PDG NEC-NP83P06PDG Datasheet
190Kb / 7P
MOS FIELD EFFECT TRANSISTOR
NP100P04PDG NEC-NP100P04PDG Datasheet
190Kb / 7P
MOS FIELD EFFECT TRANSISTOR
logo
Guangdong Kexin Industr...
KPA1790 KEXIN-KPA1790 Datasheet
58Kb / 2P
MOS Field Effect Transistor
KPA2790GR KEXIN-KPA2790GR Datasheet
58Kb / 2P
MOS Field Effect Transistor
2SK3919 KEXIN-2SK3919 Datasheet
45Kb / 1P
MOS Field Effect Transistor
2SK3635 KEXIN-2SK3635 Datasheet
46Kb / 1P
MOS Field Effect Transistor
2SJ598 KEXIN-2SJ598 Datasheet
49Kb / 2P
MOS Field Effect Transistor
KPA1750 KEXIN-KPA1750 Datasheet
52Kb / 2P
MOS Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com