Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1189 Datasheet (PDF) - Analog Intergrations Corporation

AIC1189 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1189
Download  AIC1189 Download
File Size   563.36 Kbytes
Page   20 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin

AIC1189 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1189 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1189
Download  AIC1189 Click to download

File Size   563.36 Kbytes
Page   20 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin

AIC1189 Datasheet (HTML) - Analog Intergrations Corporation


AIC1189 Product details

DESCRIPTION
A low noise, high PSRR and ultra low dropout linear regulator AIC1189 is optimized for low ESR ceramic capacitors operation with 2A continuous current. The AIC1189 is designed for portable and wireless devices with demanding performance and space requirements.

FEATURES
• Guaranteed 2A Output Current.
• Fast Response in Line/Load Transient.
• Wide Operating Voltage Ranges: 2.3V to 5.5V.
• 0.01µA Shutdown Standby Current .
• Low Quiescent Current: 80µA.
• Fixed: 1.2V, 1.5V, 1.8V, 2.0V, 2.5V, 2.7V, 3.0V, 3.3V, 3.5V, 3.7V, 3.8V Output Voltage.
• Adjustable Output Voltage are available from 0.8~4.5V.
• Low Dropout:330mV at 1.5A and 2.8V output voltage, 440mV at 2A and 2.8V output voltage.
• High PSRR:70dB at 1kHz.
• Active Low or High Shutdown Control.Current Limit and Thermal Protection.
• Available in ±2% Output Tolerance.
• Available in SOT-223 & TO-220 (3 pin) & SOP-8 (8 pin) and TO-252 &TO-263 (3 & 5 pin) Package.

APPLICATIONS
• LCD TV, LCD Monitor, DPF.
• Networking, STB.
• Portable AV Equipment.
• Note Book PC Applications.
• PC Peripherals.




Similar Part No. - AIC1189

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
3A Ultra Low Dropout Linear Regulator
AIC1187 AIC-AIC1187 Datasheet
483Kb / 13P
1A Ultra Low Dropout Linear Regulator
More results


Similar Description - AIC1189

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5207A-1 CHERRY-CS5207A-1 Datasheet
136Kb / 7P
7A LDO 3-Pin Adjustable Linear Regulator
Rev. 6/11/97
CS5208-1 CHERRY-CS5208-1 Datasheet
136Kb / 7P
8A LDO 3-Pin Adjustable Linear Regulator
Rev. 6/11/97
CS5210-1 CHERRY-CS5210-1 Datasheet
142Kb / 8P
10A LDO 3-Pin Adjustable Linear Regulator
Rev. 6/12/97
CS52510-1 CHERRY-CS52510-1 Datasheet
154Kb / 9P
10A LDO 5-Pin Adjustable Linear Regulator
Rev. 3/17/99
CS5257A-1 CHERRY-CS5257A-1 Datasheet
173Kb / 9P
7A LDO 5-Pin Adjustable Linear Regulator
Rev. 4/5/99
CS5258-1 CHERRY-CS5258-1 Datasheet
153Kb / 9P
8A LDO 5-Pin Adjustable Linear Regulator
Rev. 3/17/99
logo
Analog Intergrations Co...
AIC1190 AIC-AIC1190 Datasheet
759Kb / 19P
Ultra LDO 1A Linear Regulator With Adjustable & Bypass Pin
logo
Champion Microelectroni...
CM8566 CHAMP-CM8566 Datasheet
238Kb / 8P
2A ADJUSTABLE LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1221 AIC-AIC1221 Datasheet
535Kb / 17P
Ultra LDO 2A Linear Regulator With Adjustable AND Bypass Pin
logo
Sangdest Microelectroni...
SULR1221 SMC-SULR1221 Datasheet
547Kb / 17P
Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com