Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1185 Datasheet (PDF) - Analog Intergrations Corporation

AIC1185 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1185
Download  AIC1185 Download
File Size   241.88 Kbytes
Page   13 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 3A Ultra Low Dropout Linear Regulator

AIC1185 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1185 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1185
Download  AIC1185 Click to download

File Size   241.88 Kbytes
Page   13 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 3A Ultra Low Dropout Linear Regulator

AIC1185 Datasheet (HTML) - Analog Intergrations Corporation




Similar Part No. - AIC1185

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1187 AIC-AIC1187 Datasheet
483Kb / 13P
1A Ultra Low Dropout Linear Regulator
AIC1189 AIC-AIC1189 Datasheet
563Kb / 20P
Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
AIC1189-XXGY3 AIC-AIC1189-XXGY3 Datasheet
563Kb / 20P
Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
AIC1189-XXPY3 AIC-AIC1189-XXPY3 Datasheet
563Kb / 20P
Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
More results


Similar Description - AIC1185

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8953 A-POWER-APE8953 Datasheet
472Kb / 8P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8903B A-POWER-APE8903B Datasheet
1Mb / 10P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4230 HTC-TJ4230 Datasheet
211Kb / 9P
3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8963 A-POWER-APE8963_14 Datasheet
152Kb / 9P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8903C A-POWER-APE8903C Datasheet
114Kb / 9P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L1806 UTC-L1806 Datasheet
227Kb / 7P
3A, ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
3A Ultra Low Dropout Linear Regulator
logo
List of Unclassifed Man...
UP7706 ETC2-UP7706 Datasheet
369Kb / 12P
3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981 Datasheet
200Kb / 11P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
201204032
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com