Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C68003 Datasheet (PDF) - Cypress Semiconductor

CY7C68003 Datasheet PDF - Cypress Semiconductor
Part # CY7C68003
Download  CY7C68003 Download
File Size   160.28 Kbytes
Page   5 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description MoBL-USB TX2UL USB 2.0 ULPI Transceiver

CY7C68003 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C68003 Datasheet PDF - Cypress Semiconductor

Part # CY7C68003
Download  CY7C68003 Click to download

File Size   160.28 Kbytes
Page   5 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description MoBL-USB TX2UL USB 2.0 ULPI Transceiver

CY7C68003 Datasheet (HTML) - Cypress Semiconductor


CY7C68003 Product details

Features
The Cypress MoBL-USB™ TX2UL is a low voltage high speed (HS) USB 2.0 UTMI+ Low Pin Interface (ULPI) Transceiver. The TX2UL is specifically designed for mobile handset applications by offering tiny package options and low power consumption.
■ USB 2.0 Full Speed and High Speed compliant transceiver
■ Multi range (1.8 V to 3.3 V) I/O voltages
■ Fully compliant ULPI link interface
■ 8-bit SDR ULPI data path
■ UTMI+ level 0 support
■ Support USB device mode only
■ Integrated oscillator
■ Integrated phase locked loop (PLL) – 13, 19.2, 24, or 26 MHz reference
■ Integrated USB pull-up and termination resistors
■ 3.0 V to 5.775 V VBATT input
■ Chip select pin
■ Single ended device RESET input
■ UART pass through mode
■ ESD compliance:
   ❐ JESD22-A114D 8 kV Contact human body model (HBM) for DP, DM, and VSS pins
   ❐ IEC61000 - 4-2 8 kV contact discharge
   ❐ IEC61000 - 4-2 15 kV air discharge
■ Support for industrial temperature range: (-40 C to 85 C)
■ Low power consumption for mobile applications:
   ❐ 5 µA nominal sleep mode
   ❐ 30 mA nominal active HS transfer
■ Small package for mobile applications:
   ❐ 2.14 x 1.76 mm 20-pin WLCSP 0.4 mm pitch
   ❐ 4 x 4 mm 24-pin QFN

Applications
■ Mobile phones
■ PDAs
■ Portable media players (PMPs)
■ DTV applications
■ Portable GPS units




Similar Part No. - CY7C68003

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68003 CYPRESS-CY7C68003 Datasheet
652Kb / 27P
MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
CY7C68003-20FNXI CYPRESS-CY7C68003-20FNXI Datasheet
652Kb / 27P
MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
CY7C68003-20FNXI CYPRESS-CY7C68003-20FNXI Datasheet
673Kb / 30P
MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
CY7C68003-24LQXI CYPRESS-CY7C68003-24LQXI Datasheet
652Kb / 27P
MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
CY7C68003-24LQXI CYPRESS-CY7C68003-24LQXI Datasheet
673Kb / 30P
MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
More results


Similar Description - CY7C68003

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68000A CYPRESS-CY7C68000A Datasheet
598Kb / 14P
MoBL-USB??TX2 USB 2.0 UTMI Transceiver
CY7C68053 CYPRESS-CY7C68053 Datasheet
1Mb / 39P
MoBL-USB??FX2LP18 USB Microcontroller
logo
STMicroelectronics
STULPI01A STMICROELECTRONICS-STULPI01A Datasheet
96Kb / 6P
HS USB ULPI transceiver
31-Aug-2007
logo
Cypress Semiconductor
CY7C68000A CYPRESS-CY7C68000A_08 Datasheet
474Kb / 15P
MoBL-USB??TX2 USB 2.0 UTMI Transceiver
logo
NXP Semiconductors
ISP1512A NXP-ISP1512A Datasheet
285Kb / 56P
ULPI Hi-Speed USB transceiver
Rev. 01-31 July 2008
logo
Cypress Semiconductor
CY7C68000A CYPRESS-CY7C68000A_09 Datasheet
488Kb / 15P
MoBL-USB TX2 USB 2.0 UTMI Transceiver
CY7C68003 CYPRESS-CY7C68003_10 Datasheet
652Kb / 27P
MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
logo
Microchip Technology
USB3320C-EZK-TR MICROCHIP-USB3320C-EZK-TR Datasheet
1Mb / 82P
Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
Revision 1.0 (07-14-09)
logo
SMSC Corporation
USB3320C-EZK-TR SMSC-USB3320C-EZK-TR Datasheet
1Mb / 82P
Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
logo
Cypress Semiconductor
CY7C68003 CYPRESS-CY7C68003_13 Datasheet
673Kb / 30P
MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com