Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5221WI-25 Datasheet (PDF) - ON Semiconductor

CAT5221WI-25 Datasheet PDF - ON Semiconductor
Part # CAT5221WI-25
Download  CAT5221WI-25 Download
File Size   169.35 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual Digitally Programmable Potentiometer with 64 Taps and I2C Interface

CAT5221WI-25 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT5221WI-25 Datasheet PDF - ON Semiconductor

Part # CAT5221WI-25
Download  CAT5221WI-25 Click to download

File Size   169.35 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual Digitally Programmable Potentiometer with 64 Taps and I2C Interface

CAT5221WI-25 Datasheet (HTML) - ON Semiconductor


CAT5221WI-25 Product details

DESCRIPTION
The CAT5221 is two Digitally Programmable Potentiometers (DPPs™) integrated with control logic and 16 bytes of NVRAM memory. Each DPP consists of a series of 63 resistive elements connected between two externally accessible end points. The tap points between each resistive element are connected to the wiper outputs with CMOS switches.

FEATURES
■ Two linear-taper digitally programmable potentiometers
■ 64 resistor taps per potentiometer
■ End to end resistance 2.5 kΩ, 10 kΩ, 50 kΩ or 100 kΩ
■ Potentiometer control and memory access via I2C interface
■ Low wiper resistance, typically 80 Ω
■ Nonvolatile memory storage for up to four wiper settings for each potentiometer
■ Automatic recall of saved wiper settings at power up
■ 2.5 to 6.0 volt operation
■ Standby current less than 1µA
■ 1,000,000 nonvolatile WRITE cycles
■ 100 year nonvolatile memory data retention
■ 20-lead SOIC and TSSOP packages
■ Industrial temperature range




Similar Part No. - CAT5221WI-25

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5221WI-25 CATALYST-CAT5221WI-25 Datasheet
304Kb / 16P
Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
logo
ON Semiconductor
CAT5221WI-25-T1 ONSEMI-CAT5221WI-25-T1 Datasheet
249Kb / 16P
Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
Doc. No. MD-2113 Rev. M
CAT5221WI-25-T1 ONSEMI-CAT5221WI-25-T1 Datasheet
211Kb / 15P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
logo
Catalyst Semiconductor
CAT5221WI-25TE13 CATALYST-CAT5221WI-25TE13 Datasheet
112Kb / 16P
Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
More results


Similar Description - CAT5221WI-25

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT523 CATALYST-CAT523_07 Datasheet
236Kb / 15P
Dual Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
CAT5132 CATALYST-CAT5132_08 Datasheet
205Kb / 14P
16 Volt Digitally Programmable Potentiometer (DPP?? with 128 Taps and I2C Interface
CAT5221 CATALYST-CAT5221_08 Datasheet
304Kb / 16P
Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
CAT5241 CATALYST-CAT5241_08 Datasheet
301Kb / 16P
Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5132ZI-10-GT3 ONSEMI-CAT5132ZI-10-GT3 Datasheet
131Kb / 14P
16 Volt Digitally Programmable Potentiometer with 128 Taps and I2C Interface
Doc. No. MD-2124, Rev. F
CAT5241WI-25 ONSEMI-CAT5241WI-25 Datasheet
218Kb / 16P
Quad Digitally Programmable Potentiometer with 64 Taps and I짼C Interface
Doc. No. MD-2011 Rev. Q
CAT5411WI-25 ONSEMI-CAT5411WI-25 Datasheet
269Kb / 16P
Dual Digitally Programmable Potentiometers with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. K
CAT5132 ONSEMI-CAT5132 Datasheet
163Kb / 14P
16 Volt Digitally Programmable Potentiometer (DPP) with 128 Taps and I2C Interface
July, 2010 ??Rev. 5
CAT5221 ONSEMI-CAT5221 Datasheet
249Kb / 16P
Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
Doc. No. MD-2113 Rev. M
CAT5241 ONSEMI-CAT5241 Datasheet
250Kb / 16P
Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2011 Rev. R
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com