Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5241WI-10 Datasheet (PDF) - ON Semiconductor

CAT5241WI-10 Datasheet PDF - ON Semiconductor
Part # CAT5241WI-10
Download  CAT5241WI-10 Download
File Size   218.38 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad Digitally Programmable Potentiometer with 64 Taps and I짼C Interface

CAT5241WI-10 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT5241WI-10 Datasheet PDF - ON Semiconductor

Part # CAT5241WI-10
Download  CAT5241WI-10 Click to download

File Size   218.38 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad Digitally Programmable Potentiometer with 64 Taps and I짼C Interface

CAT5241WI-10 Datasheet (HTML) - ON Semiconductor


CAT5241WI-10 Product details

DESCRIPTION

The CAT5241 is four Digitally Programmable Potentiometers (DPPs™) integrated with control logic

and 16 bytes of NVRAM memory. Each DPP consists of a series of 63 resistive elements connected

between two externally accessible end points. The tap points between each resistive element are connected to the wiper outputs with CMOS switches. A separate



FEATURES

Four linear-taper digitally programmable potentiometers

64 resistor taps per potentiometer

End to end resistance 2.5 kΩ, 10 kΩ, 50 kΩ or 100 kΩ

Potentiometer control and memory access via I²C interface

Low wiper resistance, typically 80 Ω

Nonvolatile memory storage for up to four wiper settings for each potentiometer

Automatic recall of saved wiper settings at power up

2.5 to 6.0 volt operation

Standby current less than 1 µA

1,000,000 nonvolatile WRITE cycles

100 year nonvolatile memory data retention

20-lead SOIC and TSSOP packages

Industrial temperature range




Similar Part No. - CAT5241WI-10

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5241WI-10 CATALYST-CAT5241WI-10 Datasheet
111Kb / 16P
Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
CAT5241WI-10 CATALYST-CAT5241WI-10 Datasheet
301Kb / 16P
Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5241WI-10-T1 ONSEMI-CAT5241WI-10-T1 Datasheet
250Kb / 16P
Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2011 Rev. R
CAT5241WI-10-T1 ONSEMI-CAT5241WI-10-T1 Datasheet
207Kb / 16P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 20
More results


Similar Description - CAT5241WI-10

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5241 CATALYST-CAT5241_08 Datasheet
301Kb / 16P
Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
CAT5259 CATALYST-CAT5259_08 Datasheet
283Kb / 16P
Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
CAT5409 CATALYST-CAT5409_08 Datasheet
308Kb / 16P
Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5221WI-25 ONSEMI-CAT5221WI-25 Datasheet
169Kb / 16P
Dual Digitally Programmable Potentiometer with 64 Taps and I2C Interface
Doc. No. MD-2113 Rev. L
CAT5251WI-50 ONSEMI-CAT5251WI-50 Datasheet
227Kb / 15P
Quad Digitally Programmable Potentiometer with 256 Taps and SPI Interface
Doc. No. MD-2017 Rev. G
CAT5259WI-50 ONSEMI-CAT5259WI-50 Datasheet
271Kb / 16P
Quad Digitally Programmable Potentiometers with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. I
CAT5409WI-25 ONSEMI-CAT5409WI-25 Datasheet
234Kb / 16P
Quad Digitally Programmable Potentiometers with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. L
CAT5241 ONSEMI-CAT5241 Datasheet
250Kb / 16P
Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2011 Rev. R
CAT5259 ONSEMI-CAT5259 Datasheet
730Kb / 16P
Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. J
CAT5409 ONSEMI-CAT5409 Datasheet
252Kb / 16P
Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. M
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com