Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP708JEPA Datasheet (PDF) - A1 PROs co., Ltd.

IMP708JEPA Datasheet PDF - A1 PROs co., Ltd.
Part # IMP708JEPA
Download  IMP708JEPA Download
File Size   278.84 Kbytes
Page   9 Pages
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.
Description 3/3..3/4..0V μP Supervisorr Circuits

IMP708JEPA Datasheet (PDF)

Go To PDF Page Download Datasheet
IMP708JEPA Datasheet PDF - A1 PROs co., Ltd.

Part # IMP708JEPA
Download  IMP708JEPA Click to download

File Size   278.84 Kbytes
Page   9 Pages
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.
Description 3/3..3/4..0V μP Supervisorr Circuits

IMP708JEPA Datasheet (HTML) - A1 PROs co., Ltd.


IMP708JEPA Product details

3/3.3/4.0V µP Supervisor Circuits



– Low supply current

– Watchdog timer

– Brownout detection



The IMP706P/R/S/T/J and IMP708R/S/T/J CMOS supervisor circuits monitor power-supply and battery voltage level, and µP/µC operation. A reset is generated when the supply drops below 2.63V (IMP706P/R, IMP708R), 2.93V (IMP706S, IMP708S), 3.08V (IMP706T, IMP708T) or 4.00 (IMP706J, IMP708J).

The family offers several functional options. Each device generates a reset signal during power-up, power-down and during brownout conditions.



Key Features

◆ Lower power, pin compatible replacements for Maxim MAX706P/R/S/T, MAX708R/S/T

   – 30% lower supply current:140µA vs. 200µA

◆ Precision power supply monitor

   – 2.63V threshold (IMP706P/R, IMP708R)

   – 2.93V threshold (IMP706S, IMP708S)

   – 3.08V threshold (IMP706T, IMP708T)

   – New 4.00V threshold (IMP706J, IMP708J)

◆ Debounced manual reset input

◆ Auxiliary voltage monitor comparator

   – 1.25V threshold

   – Battery monitor/auxiliary supply monitor

◆ Watchdog timer (IMP706P/R/S/T/J)

   – Watchdog can be disabled by floating WDI

◆ 200ms reset time delay

◆ Three reset signal options

   – Active HIGH: IMP706P

   – Active LOW: IMP706R/S/T/J

   – Active HIGH & LOW outputs: IMP708R/S/T/J

◆ DIP, SO and MicroSO packages

◆ Guaranteed RESET assertion to VCC = 1.1V



Applications

◆ Computers and controllers

◆ CTI applications

◆ Embedded controllers

◆ Battery operated systems

◆ Intelligent instruments

◆ Wireless communication systems

◆ PDAs and handheld equipment



 




Similar Part No. - IMP708JEPA

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP708JEPA IMP-IMP708JEPA Datasheet
229Kb / 8P
3/3.3/4.0V 關P SUPERVISOR CIRCUITS
More results


Similar Description - IMP708JEPA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
10119 PHILIPS-10119 Datasheet
181Kb / 5P
4-Wide 4-3-3-3-Input OR-AND Gate
June 14 1990
logo
List of Unclassifed Man...
ES51961 ETC1-ES51961 Datasheet
1Mb / 24P
3 3/4 MANU DMM
logo
Cyrustek corporation
ES51960 CYRUSTEK-ES51960 Datasheet
317Kb / 23P
3 3/4 Auto DMM
ES51961 CYRUSTEK-ES51961 Datasheet
456Kb / 26P
3 3/4 MANU DMM
ES51977 CYRUSTEK-ES51977 Datasheet
270Kb / 21P
3 3/4 AUTO EASY
ES51983 CYRUSTEK-ES51983 Datasheet
362Kb / 21P
3 3/4 AUTO DMM
ES51983 CYRUSTEK-ES51983_11 Datasheet
589Kb / 21P
3 3/4 AUTO DMM
logo
Maxim Integrated Produc...
MAX6800 MAXIM-MAX6800_12 Datasheet
123Kb / 7P
3-Pin, Low-Power μP Reset Circuits
Rev 4; 3/12
MAX6332_V3 MAXIM-MAX6332_V3 Datasheet
95Kb / 6P
3-Pin, Ultra-Low-Voltage, Low-Power μP Reset Circuits
Rev 3; 6/12
logo
First Silicon Co., Ltd
FTK3960P FS-FTK3960P Datasheet
1Mb / 5P
3 0V N-Channel MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com