Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP708JEPA Datasheet(PDF) 1 Page - A1 PROs co., Ltd.

Part # IMP708JEPA
Description  3/3..3/4..0V μP Supervisorr Circuits
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP708JEPA Datasheet(HTML) 1 Page - A1 PROs co., Ltd.

  IMP708JEPA Datasheet HTML 1Page - A1 PROs co., Ltd. IMP708JEPA Datasheet HTML 2Page - A1 PROs co., Ltd. IMP708JEPA Datasheet HTML 3Page - A1 PROs co., Ltd. IMP708JEPA Datasheet HTML 4Page - A1 PROs co., Ltd. IMP708JEPA Datasheet HTML 5Page - A1 PROs co., Ltd. IMP708JEPA Datasheet HTML 6Page - A1 PROs co., Ltd. IMP708JEPA Datasheet HTML 7Page - A1 PROs co., Ltd. IMP708JEPA Datasheet HTML 8Page - A1 PROs co., Ltd. IMP708JEPA Datasheet HTML 9Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©
1999 IMP, Inc.
408-432-9100/www.impweb.com
1
Key Features
Applications
x
Computers and controllers
x
CTI applications
x
Embedded controllers
x
Battery operated systems
x
Intelligent instruments
x
Wireless communication systems
x
PDAs and handheld equipment
x
Lower power, pin compatible replacements for
Maxim MAX706P/R/S/T, MAX708R/S/T
– 30% lower supply current:140µA vs. 200µA
x
Precision power supply monitor
– 2.63V threshold (IMP706P/R, IMP708R)
– 2.93V threshold (IMP706S, IMP708S)
– 3.08V threshold (IMP706T, IMP708T)
– New 4.00V threshold (IMP706J, IMP708J)
x
Debounced manual reset input
x
Auxiliary voltage monitor comparator
– 1.25V threshold
– Battery monitor/auxiliary supply monitor
x
Watchdog timer (IMP706P/R/S/T/J)
– Watchdog can be disabled by floating WDI
x
200ms reset time delay
x
Three reset signal options
– Active HIGH: IMP706P
– Active LOW: IMP706R/S/T/J
– Active HIGH & LOW outputs: IMP708R/S/T/J
x
DIP, SO and MicroSO packages
x
Guaranteed RESET assertion to VCC = 1.1V
Block Diagrams
IMP706P/R/S/T/J, IMP708R/S/T/J
IMP706P/R/S/T/J, IMP708R/S/T/J
POWER MANAGEMENT
3/3.3/4.0V
3/3.3/4.0V µµP Super
P Supervisor Cir
visor Circuits
cuits
– Lo
– Low suppl
w supply cur
y currrent
ent
– W
– Watc
atchdog timer
hdog timer
– Br
– Broownout det
wnout detection
ection
The IMP706P/R/S/T/J and IMP708R/S/T/J CMOS supervisor circuits
monitor power-supply and battery voltage level, and
µP/µC operation.
A reset is generated when the supply drops below 2.63V (IMP706P/R,
IMP708R), 2.93V (IMP706S, IMP708S), 3.08V (IMP706T, IMP708T) or 4.00
(IMP706J, IMP708J).
The family offers several functional options. Each device generates a
reset signal during power-up, power-down and during brownout
conditions.
In addition, the IMP706P/R/S/T/J feature a 1.6 second watchdog timer.
The watchdog timer output will trigger a reset if connected to MR.
Unlike competitive devices, floating the WDI input pin disables the
watchdog timer.
The IMP708R/S/T/J have both active-HIGH and active-LOW reset out-
puts but no watchdog function. The IMP706P has the same pin-out and
functions as the IMP706R but has an active-HIGH reset output.
A versatile power-fail circuit, useful in checking battery levels and
non-5V supplies, has a 1.25V threshold. All devices have a manual
reset input.
All devices are available in 8-pin DIP, SO and the compact MicroSO
packages. The MicroSO package requires 50% less PC board area than
the conventional SO package.
RESET
RESET
V
CC
RESET
Generator
2.63V (IMP708R)
2.93V (IMP708S)
3.08V (IMP708T)
4.00V (IMP708J)
VCC
+
–
+
MR
IMP708R/S/T/J
PFO
GND
1.25V
–
+
PFI
706P_02.eps
20k
Ω
1.25V
–
+
MR
WDI
IMP706P/R/S/T/J
WDO
RESET
(RESET) IMP706P
PFO
GND
V
CC
20k
Ω
RESET
Generator
2.63V (IMP706P/R)
2.93V (IMP706S)
3.08V (IMP706T)
4.00V (IMP706J)
VCC
+
–
+
PFI
Timebase
Watchdog
Timer
Transition
Detector
706P_01.eps


Similar Part No. - IMP708JEPA

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP708JEPA IMP-IMP708JEPA Datasheet
229Kb / 8P
3/3.3/4.0V 關P SUPERVISOR CIRCUITS
More results

Similar Description - IMP708JEPA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
10119 PHILIPS-10119 Datasheet
181Kb / 5P
4-Wide 4-3-3-3-Input OR-AND Gate
June 14 1990
logo
List of Unclassifed Man...
ES51961 ETC1-ES51961 Datasheet
1Mb / 24P
3 3/4 MANU DMM
logo
Cyrustek corporation
ES51960 CYRUSTEK-ES51960 Datasheet
317Kb / 23P
3 3/4 Auto DMM
ES51961 CYRUSTEK-ES51961 Datasheet
456Kb / 26P
3 3/4 MANU DMM
ES51977 CYRUSTEK-ES51977 Datasheet
270Kb / 21P
3 3/4 AUTO EASY
ES51983 CYRUSTEK-ES51983 Datasheet
362Kb / 21P
3 3/4 AUTO DMM
ES51983 CYRUSTEK-ES51983_11 Datasheet
589Kb / 21P
3 3/4 AUTO DMM
logo
Maxim Integrated Produc...
MAX6800 MAXIM-MAX6800_12 Datasheet
123Kb / 7P
3-Pin, Low-Power μP Reset Circuits
Rev 4; 3/12
MAX6332_V3 MAXIM-MAX6332_V3 Datasheet
95Kb / 6P
3-Pin, Ultra-Low-Voltage, Low-Power μP Reset Circuits
Rev 3; 6/12
logo
First Silicon Co., Ltd
FTK3960P FS-FTK3960P Datasheet
1Mb / 5P
3 0V N-Channel MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com