Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMBT3904M Datasheet (PDF) - NXP Semiconductors

PMBT3904M Datasheet PDF - NXP Semiconductors
Part # PMBT3904M
Download  PMBT3904M Download
File Size   91.72 Kbytes
Page   11 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 40 V, 200 mA NPN switching transistor

PMBT3904M Datasheet (PDF)

Go To PDF Page Download Datasheet
PMBT3904M Datasheet PDF - NXP Semiconductors

Part # PMBT3904M
Download  PMBT3904M Click to download

File Size   91.72 Kbytes
Page   11 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 40 V, 200 mA NPN switching transistor

PMBT3904M Datasheet (HTML) - NXP Semiconductors


PMBT3904M Product details

General description
NPN single switching transistor in a SOT883 (SC-101) leadless ultra small Surface-Mounted Device (SMD) plastic package.

PNP complement: PMBT3906M.

Features
■ Single general-purpose switching transistor
■ Board-space reduction
■ Ultra small SMD plastic package

Applications
■ General-purpose switching and amplification




Similar Part No. - PMBT3904M

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMBT3904M NEXPERIA-PMBT3904M Datasheet
241Kb / 11P
40 V, 200 mA NPN switching transistor
27 March 2023
PMBT3904MB NEXPERIA-PMBT3904MB Datasheet
229Kb / 11P
40 V, 200 mA NPN switching transistor
logo
TECH PUBLIC Electronics...
PMBT3904MB-TP TECHPUBLIC-PMBT3904MB-TP Datasheet
473Kb / 2P
50V NPN General Purpose Transistor
More results


Similar Description - PMBT3904M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBT3904VS NXP-PMBT3904VS Datasheet
93Kb / 11P
40 V, 200 mA NPN/NPN switching transistor
Rev. 01-8 July 2009
PMBT3946VPN NXP-PMBT3946VPN Datasheet
118Kb / 15P
40 V, 200 mA NPN/PNP switching transistor
Rev. 01-31 August 2009
PMSTA3904 NXP-PMSTA3904 Datasheet
80Kb / 12P
40 V, 200 mA NPN switching transistor
Rev. 01-21 April 2008
logo
Nexperia B.V. All right...
PMBT3904MB NEXPERIA-PMBT3904MB Datasheet
229Kb / 11P
40 V, 200 mA NPN switching transistor
MMBT3904-Q NEXPERIA-MMBT3904-Q Datasheet
213Kb / 10P
40 V, 200 mA NPN switching transistor
7 October 2022
PMBT3904-Q NEXPERIA-PMBT3904-Q Datasheet
216Kb / 10P
40 V, 200 mA NPN switching transistor
11 January 2023
PMBT3904M NEXPERIA-PMBT3904M Datasheet
241Kb / 11P
40 V, 200 mA NPN switching transistor
27 March 2023
PMBT3904 NEXPERIA-PMBT3904 Datasheet
220Kb / 11P
40 V, 200 mA NPN switching transistor
5 November 2020
PMBT3904QA NEXPERIA-PMBT3904QA Datasheet
238Kb / 13P
40 V, 200 mA NPN switching transistor
29 August 2018
PMBT3904VS NEXPERIA-PMBT3904VS Datasheet
231Kb / 10P
40 V, 200 mA NPN/NPN switching transistor
28 December 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com