Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6265AHRTZ Datasheet (PDF) - Intersil Corporation

ISL6265AHRTZ Datasheet PDF - Intersil Corporation
Part # ISL6265AHRTZ
Download  ISL6265AHRTZ Download
File Size   580.68 Kbytes
Page   23 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs

ISL6265AHRTZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6265AHRTZ Datasheet PDF - Intersil Corporation

Part # ISL6265AHRTZ
Download  ISL6265AHRTZ Click to download

File Size   580.68 Kbytes
Page   23 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs

ISL6265AHRTZ Datasheet (HTML) - Intersil Corporation


ISL6265AHRTZ Product details

The ISL6265A is a multi-output controller with embedded gate drivers. A single-phase controller powers the Northbridge (VDDNB) portion of the CPU. The two remaining controller channels can be configured for two-phase or individual single-phase outputs. For uniplane CPU applications, the ISL6265A is configured as a two-phase buck converter. This allows the controller to interleave channels to effectively double the output voltage ripple frequency, and thereby reduce output voltage ripple amplitude with fewer components, lower component cost, reduced power dissipation, and smaller area. For dual-plane processors, the ISL6265A can be configured as independent single-phase controllers powering VDD0 and VDD1.



Features

• Core Configuration Flexibility

- Dual Plane, Single-Phase Controllers

- Uniplane, Two-Phase Controller

• Precision Voltage Regulators

- 0.5% System Accuracy Over-temperature

• Voltage Positioning with Adjustable Load Line and Offset

• Internal Gate Drivers with 2A Driving Capability

• Differential Remote CPU Die Voltage Sensing

• Core Differential Current Sensing: DCR or Resistor

• Northbridge Lossless rDS(ON) Current Sensing

• Serial VID Interface

- Two Wire Clock and Data Bus

- Supports High-Speed I2C

- 0.500V to 1.55V in 12.5mV Steps

- Supports PSI_L Power-Saving Mode

• Core Outputs Feature Phase Shedding with PSI_L

• Adjustable Output-Voltage Offset

• Digital Soft-Start of all Outputs

• User Programmable Switching Frequency

• Static and Dynamic Current Sharing (Uniplane Core)

• Overvoltage, Undervoltage, and Overcurrent Protection

• Pb-Free (RoHS compliant)




Similar Part No. - ISL6265AHRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6265AHRTZ RENESAS-ISL6265AHRTZ Datasheet
1Mb / 24P
Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
ISL6265AHRTZ-T RENESAS-ISL6265AHRTZ-T Datasheet
1Mb / 24P
Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
More results


Similar Description - ISL6265AHRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6265C INTERSIL-ISL6265C_10 Datasheet
838Kb / 27P
Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
July 28, 2010
ISL6265 INTERSIL-ISL6265 Datasheet
583Kb / 24P
Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable
May 13, 2009
ISL6277A INTERSIL-ISL6277A Datasheet
1Mb / 38P
Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
December 19, 2012
ISL6277HRZ INTERSIL-ISL6277HRZ Datasheet
967Kb / 37P
Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
March 8, 2012
logo
Renesas Technology Corp
ISL6265 RENESAS-ISL6265 Datasheet
1Mb / 24P
Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
ISL6265A RENESAS-ISL6265A Datasheet
1Mb / 24P
Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
ISL6265C RENESAS-ISL6265C Datasheet
1Mb / 27P
Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
ISL6277A RENESAS-ISL6277A Datasheet
1Mb / 38P
Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL62773A RENESAS-ISL62773A Datasheet
1Mb / 37P
Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL6277A RENESAS-ISL6277A_V01 Datasheet
1Mb / 40P
Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
Oct 9, 2019
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com