Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6265 Datasheet (PDF) - Intersil Corporation

ISL6265 Datasheet PDF - Intersil Corporation
Part # ISL6265
Download  ISL6265 Download
File Size   583.89 Kbytes
Page   24 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable

ISL6265 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6265 Datasheet PDF - Intersil Corporation

Part # ISL6265
Download  ISL6265 Click to download

File Size   583.89 Kbytes
Page   24 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable

ISL6265 Datasheet (HTML) - Intersil Corporation


ISL6265 Product details

Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs



The ISL6265 is a multi-output controller with embedded gate drivers. A single-phase controller powers the Northbridge (VDDNB) portion of the CPU. The two remaining controller channels can be configured for two-phase or individual single-phase outputs. For uniplane CPU applications, the ISL6265 is configured as a two-phase buck converter.



Features

• Core Configuration Flexibility

  - Dual Plane, Single-Phase Controllers

  - Uniplane, Two-Phase Controller

• Precision Voltage Regulators

  - 0.5% System Accuracy Over-temperature

• Voltage Positioning with Adjustable Load Line and Offset

• Internal Gate Drivers with 2A Driving Capability

• Differential Remote CPU Die Voltage Sensing

• Core Differential Current Sensing: DCR or Resistor

• Northbridge Lossless rDS(ON)Current Sensing

• Serial VID Interface

  - Two Wire Clock and Data Bus

  - Supports High-Speed I2C

  - 0.500V to 1.55V in 12.5mV Steps

  - Supports PSI_L Power-Saving Mode

• Core Outputs Feature Phase Shedding with PSI_L

• Adjustable Output-Voltage Offset

• Digital Soft-Start of all Outputs

• User Programmable Switching Frequency

• Static and Dynamic Current Sharing (Uniplane Core)

• Overvoltage, Undervoltage, and Overcurrent Protection

• Pb-Free (RoHS Compliant)




Similar Part No. - ISL6265

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6265 RENESAS-ISL6265 Datasheet
1Mb / 24P
Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Intersil Corporation
ISL6265A INTERSIL-ISL6265A Datasheet
580Kb / 23P
Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
May 11, 2009
logo
Renesas Technology Corp
ISL6265A RENESAS-ISL6265A Datasheet
1Mb / 24P
Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Intersil Corporation
ISL6265AHRTZ INTERSIL-ISL6265AHRTZ Datasheet
580Kb / 23P
Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
May 11, 2009
logo
Renesas Technology Corp
ISL6265AHRTZ RENESAS-ISL6265AHRTZ Datasheet
1Mb / 24P
Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
More results


Similar Description - ISL6265

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6313B INTERSIL-ISL6313B Datasheet
628Kb / 33P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
November 6, 2008
ISL6265A INTERSIL-ISL6265A Datasheet
580Kb / 23P
Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
May 11, 2009
ISL6265C INTERSIL-ISL6265C_10 Datasheet
838Kb / 27P
Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
July 28, 2010
logo
Renesas Technology Corp
ISL6265 RENESAS-ISL6265 Datasheet
1Mb / 24P
Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
ISL6265A RENESAS-ISL6265A Datasheet
1Mb / 24P
Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
ISL6265C RENESAS-ISL6265C Datasheet
1Mb / 27P
Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
ISL6314 RENESAS-ISL6314 Datasheet
1Mb / 32P
Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Richtek Technology Corp...
RT3662AC RICHTEK-RT3662AC Datasheet
2Mb / 37P
Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
RT3663BM RICHTEK-RT3663BM Datasheet
526Kb / 43P
Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
September 2019
RT8880C RICHTEK-RT8880C Datasheet
505Kb / 42P
Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
March 2017
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com