Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T14L1024N Datasheet (PDF) - Taiwan Memory Technology

T14L1024N Datasheet PDF - Taiwan Memory Technology
Part # T14L1024N
Download  T14L1024N Download
File Size   87.6 Kbytes
Page   13 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 128K X 8 HIGH SPEED CMOS STATIC RAM

T14L1024N Datasheet (PDF)

Go To PDF Page Download Datasheet
T14L1024N Datasheet PDF - Taiwan Memory Technology

Part # T14L1024N
Download  T14L1024N Click to download

File Size   87.6 Kbytes
Page   13 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 128K X 8 HIGH SPEED CMOS STATIC RAM

T14L1024N Datasheet (HTML) - Taiwan Memory Technology


T14L1024N Product details

GENERAL DESCRIPTION

The T14L1024N is a one-megabit density, fast static random access memory organized as 131,072 words by 8 bits. It is designed for use in high performance memory applications such as main memory storage and high speed communication buffers. Fabricated using high performance CMOS technology, access times down to 10ns are achieved.



FEATURES

• Fast Address Access Times : 10/12/15ns

• Single 3.3V ±0.3V power supply

• Center power/ground pin configuration

• Low Power Consumption : 110/105/100mA

• TTL I/O compatible

• 2.0V data retention mode

• Automatic power-down when deselected

• Available packages :

   - 32-pin 300 mil and 400 mil SOJ

   - 32-pin TSOP 8x13.4mm and 8x20mm

   - 36-Ball CSP (8x10mm)



 




Similar Part No. - T14L1024N

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
128K X 8 HIGH SPEED CMOS STATIC RAM
T14L1024A-10D TMT-T14L1024A-10D Datasheet
86Kb / 12P
128K X 8 HIGH SPEED CMOS STATIC RAM
T14L1024A-10H TMT-T14L1024A-10H Datasheet
86Kb / 12P
128K X 8 HIGH SPEED CMOS STATIC RAM
T14L1024A-10J TMT-T14L1024A-10J Datasheet
86Kb / 12P
128K X 8 HIGH SPEED CMOS STATIC RAM
T14L1024A-10N TMT-T14L1024A-10N Datasheet
86Kb / 12P
128K X 8 HIGH SPEED CMOS STATIC RAM
More results


Similar Description - T14L1024N

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
128K X 8 High Speed CMOS Static RAM
W24L011A WINBOND-W24L011A Datasheet
131Kb / 10P
128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
128K X 8 High Speed CMOS Static RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
128K x 8 HIGH-SPEED CMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com