Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T35L6432B Datasheet (PDF) - Taiwan Memory Technology

T35L6432B Datasheet PDF - Taiwan Memory Technology
Part # T35L6432B
Download  T35L6432B Download
File Size   162.76 Kbytes
Page   16 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 64K x 32 SRAM???

T35L6432B Datasheet (PDF)

Go To PDF Page Download Datasheet
T35L6432B Datasheet PDF - Taiwan Memory Technology

Part # T35L6432B
Download  T35L6432B Click to download

File Size   162.76 Kbytes
Page   16 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 64K x 32 SRAM???

T35L6432B Datasheet (HTML) - Taiwan Memory Technology


T35L6432B Product details

GENERAL DESCRIPTION

The Taiwan Memory Technology Synchronous Burst RAM family employs high-speed, low power CMOS design using advanced triple-layer polysilicon, double-layer metal technology. Each memory cell consists of four transistors and two high valued resistors.

The T35L6432B SRAM integrates 65536 x 32 SRAM cells with advanced synchronous peripheral circuitry and a 2-bit counter for internal burst operation.



FEATURES

• Fast Access times: 9 / 10 / 11 / 12 ns

• Single 3.3V (+0.3V/-0.165V) power supply

• Common data inputs and data outputs

• Individual BYTE WRITE ENABLE and GLOBAL WRITE control

• Three chip enables for depth expansion and address pipelining

• Clock-controlled and registered address, data I/Os and control signals

• Internally self-timed WRITE CYCLE

• Burst control pins ( interleaved or linear burst sequence)

• High 30pF output drive capability at rated access time

• SNOOZE MODE for reduced power standby

• Burst Sequence :

   - Interleaved (MODE=NC or VCC)

   - Linear (MODE=GND)



 




Similar Part No. - T35L6432B

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T35L6432A TMT-T35L6432A Datasheet
1Mb / 15P
64K x 32 SRAM?
T35L6432A-5Q TMT-T35L6432A-5Q Datasheet
1Mb / 15P
64K x 32 SRAM?
T35L6432A-5T TMT-T35L6432A-5T Datasheet
1Mb / 15P
64K x 32 SRAM?
More results


Similar Description - T35L6432B

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T35L6432A TMT-T35L6432A Datasheet
1Mb / 15P
64K x 32 SRAM?
logo
List of Unclassifed Man...
UT6164C32 ETC-UT6164C32 Datasheet
224Kb / 15P
64K X 32 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
GSI Technology
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
64K x 32 2M Synchronous Burst SRAM
logo
List of Unclassifed Man...
GS82032T ETC1-GS82032T Datasheet
760Kb / 23P
64K x 32 2M Synchronous Burst SRAM
logo
Integrated Circuit Syst...
IC61LV6432 ICST-IC61LV6432 Datasheet
210Kb / 21P
64K x 32 Pipelined Sync. SRAM
logo
GSI Technology
GS820E32AT GSI-GS820E32AT Datasheet
547Kb / 21P
64K x 32 2Mb Synchronous Burst SRAM
GS820H32AT GSI-GS820H32AT Datasheet
344Kb / 23P
64K x 32 2M Synchronous Burst SRAM
GS820H32T GSI-GS820H32T Datasheet
344Kb / 23P
64K x 32 2M Synchronous Burst SRAM
GS82032AT GSI-GS82032AT Datasheet
577Kb / 22P
64K x 32 2Mb Synchronous Burst SRAM
logo
Integrated Circuit Solu...
IC61SF6432 ICSI-IC61SF6432 Datasheet
144Kb / 17P
64K x 32 Flow Through Sync. SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com